công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9913BCPZ1 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD9913BCPZ1
Giải thích chi tiết về linh kiện  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9913BCPZ1 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD9913BCPZ1 Datasheet HTML 2Page - Analog Devices AD9913BCPZ1 Datasheet HTML 3Page - Analog Devices AD9913BCPZ1 Datasheet HTML 4Page - Analog Devices AD9913BCPZ1 Datasheet HTML 5Page - Analog Devices AD9913BCPZ1 Datasheet HTML 6Page - Analog Devices AD9913BCPZ1 Datasheet HTML 7Page - Analog Devices AD9913BCPZ1 Datasheet HTML 8Page - Analog Devices AD9913BCPZ1 Datasheet HTML 9Page - Analog Devices AD9913BCPZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9913
Rev. 0 | Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
PS2/ADR5/D5
2
PS1/ADR4/D4
3
PS0/ADR3/D3
4
DVDD
5
DGND
6
ADR2/D2
7
ADR1/D1
8
ADR0/D0
24 RSET
23 AGND
22 AVDD
21 AGND
20 IOUT
19 IOUT
18 AGND
17 AVDD
TOP VIEW
(Not to Scale)
AD9913
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
PS2/ADR5/D5
I/O
Multipurpose pin: Profile Select Pin (PS2) in Direct Switch Mode, Parallel Port Address Line (ADR5), and
Data Line (D5) to program registers.
2
PS1/ADR4/D4
I/O
Multipurpose pin: Profile Select Pin (PS1) in Direct Switch Mode or Linear Sweeping Mode, Parallel Port
Address Line (ADR4), and Data Line (D4) to program registers.
3
PS0/ADR3/D3
I/O
Multipurpose pin: Profile Select Pin (PS0) in Direct Switch Mode or Linear Sweeping Mode, Parallel Port
Address Line (ADR3), and Data Line (D3) to program registers.
4
DVDD
I
Digital Power Supply (1.8 V).
5
DGND
I
Digital Ground.
6
ADR2/D2
I/O
Parallel Port Address Line 2 and Data Line 2.
7
ADR1/D1
I/O
Parallel Port Address Line 1and Data Line 1.
8
ADR0/D0
I/O
Parallel Port Address Line 0 and Data Line 0.
9
SYNC_CLK
O
Clock Out. The profile pins [PS0:PS2] and the IO_UPDATE pin (Pin 27) should be set up to the rising
edge of this signal to maintain constant pipe line delay through the device.
10
SER/PAR
I
Serial Port and Parallel Port Selection. Logic low = serial mode; logic high = parallel mode.
11, 15,
18, 21,
23
AGND
I
Analog Ground.
12, 16,
17, 22
AVDD
I
Analog Power Supply (1.8 V).
13
REF_CLK
I
Reference Clock Input. See the REF_CLK Overview section for more details.
14
REF_CLK
I
Complementary Reference Clock Input. See the REF_CLK Overview section for more details.
19
IOUT
O
Open Source DAC Complementary Output Source. Current mode. Connect through 50 Ω to AGND.
20
IOUT
O
Open Source DAC Output Source. Current mode. Connect through 50 Ω to AGND.
24
RSET
I
Analog Reference. This pin programs the DAC output full-scale reference current. Attach a 4.64 kΩ
resistor to AGND.
25
MASTER_RESET
I
Master Reset, Digital Input (Active High). This pin clears all memory elements and reprograms registers
to default values.


Số phần tương tự - AD9913BCPZ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9913BCPZ AD-AD9913BCPZ Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
AD9913BCPZ-REEL7 AD-AD9913BCPZ-REEL7 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
More results

Mô tả tương tự - AD9913BCPZ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com