công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese▼

Delete All
ON OFF
ALLDATASHEET.VN

X  

Preview PDF Download HTML

G10342-14 Datasheet(PDF) 1 Page - Hamamatsu Corporation

tên linh kiện G10342-14
Nội dung chi tiết  InGaAs PIN photodiode with preamp
tải về  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
nhà sản xuất  HAMAMATSU [Hamamatsu Corporation]
Trang chủ  http://www.hamamatsu.com
Logo 

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Compatible with 10 Gbps Miniature Device (XMD-MSA)
l High-speed response: 11.3 Gbps
l Low power supply voltage: Vcc=Vpd=3.3 V
l Differential output
l Sensitivity: +3 to -20.5 dBm
l High trans-impedance gain: 6 kΩ
l Low optical return loss: 35 dB Typ.
l Isolation type: Housing and signal ground are
electrically isolated.
l Flex board interface (G10342-54)
Applications
l SDH/SONET (STM-64/OC-192)
l 10 Gigabit Ethernet
l XFP transceiver
PHOTODIODE
InGaAs PIN photodiode with preamp
ROSA type, 1.3/1.55 µm, 10 Gbps
G10342-14/-54
1
s
s
s
s Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage
Vcc
-0.5, +3.7
V
Reverse voltage (photodiode)
VR
7
V
Storage temperature *
1
Tstg
-40 to +90
°C
s
s
s
s Recommended operating conditions
Parameter
Symbol
Value
Unit
Case temperature *
1
Tc
-20 to 90
°C
Supply voltage
Vcc
3.05 to 3.53
V
Reverse voltage (photodiode)
Vpd
3.05 to 5.0
V
Spectral response range
λ
1.26 to 1.57
µm
Load resistance *
2
RL
50
Bit rate
-
9 to 11.1
Gbps
Bit pattern
-
NRZ, Mark ratio=1/2
-
*1: No condensation
*2: Capacitive coupling
s Electrical and optical characteristics (recommended operating conditions, unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
λ=1.31 µm
0.75
0.85
-
Responsivity
R
λ=1.55 µm
0.8
0.9
-
A/W
Supply current
Icc
Dark state, RL=
-
32
45
mA
Cut-off frequency
fc
λ=1.55 µm, -3 dB
7.0
9.0
-
GHz
Low cut-off frequency
fc-L
λ=1.55 µm, -3 dB
-
10
50
kHz
Noise equivalent power *
3
NEP
Dark state, to 7.5 GHz
-
1.0
-
µWrms
Trans-impedance *
3
Tz
RL=50
Ω, f=100 MHz
4
6
-
k
Minimum receivable sensitivity
Pmin
-
-20.5
-18.5
Maximum receivable sensitivity
Pmax
λ=1.55 µm,
PRBS=2
31-1, BER=10-12,
Extinction ratio=14 dB
+1
+3
-
dBm
Output amplitude
Vomax
Differential
300
450
650
mVpp
Tc=25 °C
-
0.05
0.5
Dark current
ID
Dark state,
Vpd=3.3 V
-
-
100
nA
Optical return loss
ORL
λ=1.31/1.55 µm
27
35
-
dB
*3: Single-ended (Vout+) measurement



Html Pages

1  2 


bảng dữ liệu tải về




Link URL




Privacy Policy
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ]  

Alldatasheet là?   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Đánh dấu trang   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved© Alldatasheet.com


Site nhân bản
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn