công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74V3680-15PEU bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74V3680-15PEU
Giải thích chi tiết về linh kiện  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74V3680-15PEU bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SN74V3680-15PEU Datasheet HTML 6Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 7Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 8Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 9Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 10Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 11Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 12Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 13Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
read enable (REN)
When REN is low, data is loaded from the RAM array into the output register on the rising edge of every RCLK
cycle, if the device is not empty.
When REN is high, the output register holds the previous data and no new data is loaded into the output register.
The data outputs Q0–Qn maintain the previous data value.
In standard mode, every word accessed at Qn, including the first word written to an empty FIFO, must be
requested using REN. When the last word has been read from the FIFO, the empty flag (EF) goes low, inhibiting
further read operations. REN is ignored when the FIFO is empty. Once a write is performed, EF goes high,
allowing a read to occur. The EF flag is updated by two RCLK cycles + tsk after the valid WCLK cycle.
In FWFT mode, the first word written to an empty FIFO automatically goes to the outputs Qn, on the third valid
low-to-high transition of RCLK + tsk after the first write. REN need not be asserted low. In order to access all
other words, a read must be executed using REN. The RCLK low-to-high transition after the last word has been
read from the FIFO and OR goes high with a true read (RCLK with REN = low), inhibiting further read operations.
REN is ignored when the FIFO is empty.
serial enable (SEN)
The SEN input is an enable used only for serial programming of the offset registers. The serial programming
method must be selected during master reset. SEN always is used with LD. When these lines are both low, data
at the SI input can be loaded into the program register, with one bit for each low-to-high transition of WCLK.
When SEN is high, the programmable registers retain the previous settings and no offsets are loaded. SEN
functions the same way in standard and FWFT modes.
output enable (OE)
When output enable is asserted (low), the parallel output buffers receive data from the output register. When
OE is high, the output data bus (Qn) goes into the high-impedance state.
load (LD)
LD is a dual-purpose pin. During master reset, the state of the LD input, along with FSEL0 and FSEL1,
determines one of eight default offset values for the PAE and PAF flags, along with the method by which these
offset registers can be programmed, parallel or serial (see Table 2). After master reset, LD enables write
operations to, and read operations from, the offset registers. Only the offset loading method currently selected
can be used to write to the registers. Offset registers can be read only in parallel.
After master reset, LD activates the programming process of the flag offset values PAE and PAF. Pulling LD low
begins a serial loading, or a parallel load, or a read of these offset values.
bus matching (BM, IW, OW)
BM, IW, and OW define the input and output bus widths. During master reset, the state of these pins is used
to configure the device bus sizes (see Table 1 for control settings). All flags operate on the word/byte-size
boundary, as defined by the selection of bus width (see Figure 4 for the bus-matching byte arrangement).
big endian/little endian (BE)
During master reset, a low on BE selects big-endian operation. A high on BE during master reset selects
little-endian format. This function is useful when the following input-to-output bus widths are implemented:
×36
to
×18, ×36 to ×9, ×18 to ×36, and ×9 to ×36. If big-endian mode is selected, the MSB (word) of the long word
written into the FIFO is read out of the FIFO first, followed by the LSB. If little-endian format is selected, the LSB
of the long word written into the FIFO is read out first, followed by the MSB. The desired mode is configured
during master reset by the state of BE (see Figure 4 for bus-matching byte arrangement).


Số phần tương tự - SN74V3680-15PEU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Mô tả tương tự - SN74V3680-15PEU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com