công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8881SRGER bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện DAC8881SRGER
Giải thích chi tiết về linh kiện  16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC8881SRGER bảng dữ liệu(HTML) 5 Page - Texas Instruments

  DAC8881SRGER Datasheet HTML 1Page - Texas Instruments DAC8881SRGER Datasheet HTML 2Page - Texas Instruments DAC8881SRGER Datasheet HTML 3Page - Texas Instruments DAC8881SRGER Datasheet HTML 4Page - Texas Instruments DAC8881SRGER Datasheet HTML 5Page - Texas Instruments DAC8881SRGER Datasheet HTML 6Page - Texas Instruments DAC8881SRGER Datasheet HTML 7Page - Texas Instruments DAC8881SRGER Datasheet HTML 8Page - Texas Instruments DAC8881SRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.ti.com
PIN CONFIGURATION
SCLK
SDI
LDAC
AGND
AV
DD
V
-S
REFL
(ThermalPad)
PDN
RST
USB/BTC
GAIN
RSTSEL
NC
1
2
3
4
5
6
18
17
16
15
14
13
DAC8881
DAC8881
SBAS422A – JULY 2007 – REVISED SEPTEMBER 2007
RGE PACKAGE(1)
QFN-24
(TOP VIEW)
(1)
The thermal pad is internally connected to the substrate. This pad can be connected to the analog ground or left
floating. Keep the thermal pad separate from the digital ground, if possible.
TERMINAL FUNCTIONS
TERMINAL
NO.
NAME
I/O
DESCRIPTION
1
SCLK
I
SPI bus serial clock input
2
SDI
I
SPI bus serial data input
Load DAC latch control input (active low). When LDAC is low, the DAC latch is transparent, and the contents of the input
3
LDAC
I
register are transferred to the DAC latch. The DAC output changes to the corresponding level simultaneously when the
DAC latch is updated.
4
AGND
I
Analog ground
5
AVDD
I
Analog power supply
6
VREFL-S
I
Reference low input sense
7
VREFH-S
I
Reference high input sense
8
VOUT
O
Output of output buffer
9
RFB
I
Feedback resistor connected to the inverting input of the output buffer.
10
VREFL-F
I
Reference low input force
11
VREFH-F
I
Reference high input force
12
NC
Do not connect.
13
NC
Do not connect.
Selects the value of the output from the VOUT pin after power-on or hardware reset. If RSTSEL = IOVDD, then register data
14
RSTSEL
I
= 8000h. If RSTSEL = DGND, then register data = 0000h.
15
GAIN
I
Buffer gain setting. Gain = 1 when the pin is connected to DGND; Gain = 2 when the pin is connected to IOVDD.
Input data format selection. Input data are straight binary format when the pin is connected to IOVDD, and in two’s
16
USB/BTC
I
complement format when the pin is connected to DGND.
17
RST
I
Reset input (active low). Logic low on this pin causes the device to perform a reset.
Power-down input (active high). Logic high on this pin forces the device into power-down status. In power-down, the VOUT
18
PDN
I
pin connects to AGND through 10k
Ω resistor.
SPI bus chip select input (active low). Data bits are not clocked into the serial shift register unless CS is low. When CS is
19
CS
I
high, SDO is in high-impedance status.
SPI serial data output selection. When SDOSEL is tied to IOVDD, the contents of the existing input register are shifted out
20
SDOSEL
I
from the SDO pin; this is Stand-Alone mode. When SDOSEL is tied to DGND, the contents in the SPI input shift register
are shifted out from the SDO pin; this is Daisy-Chain mode for daisy chaining communication.
21
DVDD
I
Digital power supply (connect to AVDD, pin 5)
22
DGND
I
Digital ground
23
SDO
O
SPI bus serial data output. Refer to the Timing Diagrams for further detail.
24
IOVDD
I
Interface power. Connect to +1.8V for 1.8V logic, +3V for 3V logic, and to +5V for 5V logic.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC8881


Số phần tương tự - DAC8881SRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
DAC888 AD-DAC888_15 Datasheet
3Mb / 12P
   8-BIt LevelTriggered Latch
REV. B
More results

Mô tả tương tự - DAC8881SRGER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com