công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5010AH3S bảng dữ liệu(PDF) 9 Page - Nippon Precision Circuits Inc |
|
SM5010AH3S bảng dữ liệu(HTML) 9 Page - Nippon Precision Circuits Inc |
9 / 25 page SM5010 series SEIKO NPC CORPORATION —9 5010AH ×, BH× series 3V operation: VDD = 2.7 to 3.6V, VSS = 0V, Ta = −10 to +70°C unless otherwise noted. 5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted. Parameter Symbol Condition Rating Unit min typ max HIGH-level output voltage VOH Q: Measurement cct 1, VDD = 2.7V, IOH = 2mA 2.1 2.4 – V LOW-level output voltage VOL Q: Measurement cct 2, VDD = 2.7V, IOL = 2mA – 0.3 0.5 V HIGH-level input voltage VIH INHN 2.0 – – V LOW-level input voltage VIL INHN – – 0.5 V Output leakage current IZ Q: Measurement cct 2, INHN = LOW, VDD = 3.6V VOH = VDD –– 10 µA VOL = VSS –– 10 Current consumption IDD Measurement cct 3, load cct 1, INHN = open, CL = 15pF, f = 16MHz 5010 ×H1 –36 mA 5010 ×H2 –24 5010 ×H3 – 1.5 3 5010 ×H4 – 1.5 2.5 INHN pull-up resistance RUP2 Measurement cct 4 40 100 250 k Ω Feedback resistance Rf Measurement cct 5 80 200 500 k Ω Oscillator amplifier output resistance RD Design value 5010B ×× 690 820 940 Ω Built-in capacitance CG Design value. A monitor pattern on a wafer is tested. 5010A ×× 26 29 32 pF 5010B ×× 20 22 24 CD 5010A ×× 26 29 32 5010B ×× 20 22 24 Parameter Symbol Condition Rating Unit min typ max HIGH-level output voltage VOH Q: Measurement cct 1, VDD = 4.5V, IOH = 4mA 3.9 4.2 – V LOW-level output voltage VOL Q: Measurement cct 2, VDD = 4.5V, IOL = 4mA – 0.3 0.5 V HIGH-level input voltage VIH INHN 2.0 – – V LOW-level input voltage VIL INHN – – 0.8 V Output leakage current IZ Q: Measurement cct 2, INHN = LOW, VDD = 5.5V VOH = VDD –– 10 µA VOL = VSS –– 10 Current consumption IDD Measurement cct 3, load cct 1, INHN = open, CL = 15pF, f = 30MHz 5010 ×H1 – 9 18 mA 5010 ×H2 – 6 12 5010 ×H3 – 5 10 5010 ×H4 –48 INHN pull-up resistance RUP2 Measurement cct 4 40 100 250 k Ω Feedback resistance Rf Measurement cct 5 80 200 500 k Ω Oscillator amplifier output resistance RD Design value 5010B ×× 690 820 940 Ω Built-in capacitance CG Design value. A monitor pattern on a wafer is tested. 5010A ×× 26 29 32 pF 5010B ×× 20 22 24 CD 5010A ×× 26 29 32 5010B ×× 20 22 24 |
Số phần tương tự - SM5010AH3S |
|
Mô tả tương tự - SM5010AH3S |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |