công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5010AH1S bảng dữ liệu(PDF) 10 Page - Nippon Precision Circuits Inc

tên linh kiện SM5010AH1S
Giải thích chi tiết về linh kiện  Crystal Oscillator Module ICs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010AH1S bảng dữ liệu(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5010AH1S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010AH1S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010AH1S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010AH1S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010AH1S Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010AH1S Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010AH1S Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010AH1S Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5010AH1S Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —10
5010CL
× series
3V operation: VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to +80°C unless otherwise noted.
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA
2.2
2.4
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 3.6V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 30MHz
5010CL1
5
10
mA
5010CL2
3.5
7
5010CL3
2.5
5
5010CL4
2
4
5010CL5
2
4
Standby current
IST
Measurement cct 6, INHN = LOW
5
µA
INHN pull-up resistance
RUP1
Measurement cct 4
2
4
15
M
RUP2
40
100
250
k
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
16
18
20
pF
CD
16
18
20
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA
4.0
4.2
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 5.5V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 50pF, f = 30MHz
5010CL1
15
30
mA
5010CL2
9
18
5010CL3
6
12
5010CL4
5
10
5010CL5
5
10
Standby current
IST
Measurement cct 6, INHN = LOW
10
µA
INHN pull-up resistance
RUP1
Measurement cct 4
128
M
RUP2
40
100
250
k
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
16
18
20
pF
CD
16
18
20


Số phần tương tự - SM5010AH1S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5010AH1S NPC-SM5010AH1S Datasheet
156Kb / 14P
   Crystal Oscillator Module ICs
More results

Mô tả tương tự - SM5010AH1S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com