công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7410VU450NE bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC7410VU450NE
Giải thích chi tiết về linh kiện  MPC7410 RISC Microprocessor Hardware Specifications Addendum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7410VU450NE bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC7410VU450NE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series, Rev. 2.0
Freescale Semiconductor
3
Features
Table 3 provides the recommended operating conditions for the MPC7410 part numbers described herein.
Table 2. Input Threshold Voltage Setting
BVSEL Signal 3
Processor Bus Input
Threshold is Relative to:
L2VSEL Signal 3
L2 Bus Input Threshold is
Relative to:
Note
0
1.8 V
0
1.8 V
1
HRESET
2.5 V
HRESET
2.5 V
1, 2
1
Not Supported
1
2.5 V
1, 4, 5
HRESET
Not Supported
HRESET
Not Supported
Notes:
1. Caution: The input threshold selection must agree with the OVdd/L2OVdd voltages supplied.
2. To select the 2.5-V threshold option, BVSEL and/or L2VSEL should be tied to HRESET so that the two signals
change state together. This is the preferred method for selecting this mode of operation.
3. To overcome the internal pull-up resistance, a pull-down resistance less than 250 ohms should be used.
4. Default voltage setting if left unconnected (internal pulled-up).
5. Caution: The XPC7410RXnnnNE does not support the default OVdd setting of 3.3 V. The BVSEL input must be tie
either low or to HRESET.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended Value
Unit
Core supply voltage
Vdd
1.5V ± 50mV
V
PLL supply voltage
AVdd
1.5V ± 50mV
V
L2 DLL supply voltage
L2AVdd
1.5V ± 50mV
V
Processor bus supply voltage BVSEL = 0
OVdd
1.8V ± 100mV
V
BVSEL = HRESET
OVdd
2.5V ± 100mV
V
BVSEL = HRESET
or BVSEL = 1
OVdd
Not Supported
V
L2 bus supply voltage
L2VSEL = 0
L2OVdd
1.8V ± 100mV
V
L2VSEL = HRESET
or L2VSEL = 1
L2OVdd
2.5V ± 100mV
V
Input voltage
Processor bus and
JTAG Signals
Vin
GND to OVdd
V
L2 Bus
Vin
GND to L2OVdd
V
Die-junction temperature
Tj
0 to 105
°C
Note: These are the recommended and tested operating conditions. Proper device operation outside of
these conditions is not guaranteed.


Số phần tương tự - MC7410VU450NE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC7410VU450NE NXP-MC7410VU450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
More results

Mô tả tương tự - MC7410VU450NE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MPC7410EC NXP-MPC7410EC Datasheet
1Mb / 56P
   MPC7410 RISC Microprocessor Hardware Specifications
Rev. 6.1, 11/2007
logo
Freescale Semiconductor...
MPC7410HX500LE FREESCALE-MPC7410HX500LE Datasheet
870Kb / 56P
   MPC7410 RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7410ECS05AD NXP-MPC7410ECS05AD Datasheet
155Kb / 12P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410RXnnnPE Series
Rev. 1.1, 04/2005
MPC7410ECS02AD NXP-MPC7410ECS02AD Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MPC7410ECS07AD NXP-MPC7410ECS07AD Datasheet
477Kb / 6P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnNE Series
Rev. 2, 11/2010
MPC7410ECS08AD NXP-MPC7410ECS08AD Datasheet
463Kb / 5P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series
Rev. 1, 11/2010
MPC7410ECS06AD NXP-MPC7410ECS06AD Datasheet
119Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TRXnnnLE Series
Rev. 1.1, 04/2005
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_10 Datasheet
455Kb / 6P
   RISC Microprocessor Hardware Specifications Addendum
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com