công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5021 bảng dữ liệu(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5021 bảng dữ liệu(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 12 page SM5021 series SEIKO NPC CORPORATION —5 Electrical Characteristics 3V operation: AA, AB, AC, AD, AE, KD, KE series VDD = 2.7 to 3.6V, VSS = 0V, Ta = − 20 to + 80°C unless otherwise noted. Parameter Symbol Condition Rating Unit min typ max HIGH-level output voltage VOH Q: Measurement cct 1, VDD = 2.7V, IOH = 4mA SM5021 ×AH, CF5021×A SM5021 ×BH, CF5021×B SM5021 ×CH, CF5021×C SM5021 ×DH, CF5021×D 2.1 2.4 – V Q: Measurement cct 1, VDD = 2.7V, IOH = 8mA SM5021 ×EH, CF5021×E LOW-level output voltage VOL Q: Measurement cct 2, VDD = 2.7V, IOL = 4mA SM5021 ×AH, CF5021×A SM5021 ×BH, CF5021×B SM5021 ×CH, CF5021×C SM5021 ×DH, CF5021×D – 0.3 0.4 V Q: Measurement cct 2, VDD = 2.7V, IOL = 8mA SM5021 ×EH, CF5021×E HIGH-level input voltage VIH INHN 2.0 – – V LOW-level input voltage VIL INHN – – 0.5 V Output leakage current IZ Q: Measurement cct 2, VDD = 3.3V, INHN = LOW, VOH = VDD –– 10 µA Q: Measurement cct 2, VDD = 3.3V, INHN = LOW, VOL = VSS –– 10 Current consumption IDD 70MHz crystal oscillator, measurement cct 3, load cct 1, INHN = open, CL = 15pF SM5021A ×H, CF5021A× SM5021K ×H, CF5021K× –13 25 mA INHN pull-up resistance RUP Measurement cct 4 25 100 250 k Ω Feedback resistance (A × series only) Rf Measurement cct 5 SM5021 ×AH, CF5021×A 5.1 6.0 6.9 k Ω SM5021 ×BH, CF5021×B 2.8 3.3 3.8 SM5021 ×CH, CF5021×C 3.3 3.9 4.5 SM5021 ×DH, CF5021×D SM5021 ×EH, CF5021×E 2.3 2.7 3.1 Built-in capacitance CG Design value. A monitor pattern on a wafer is tested. 7.44 8 8.56 pF CD Design value. A monitor pattern on a wafer is tested. SM5021 ×AH, CF5021×A SM5021 ×BH, CF5021×B SM5021 ×CH, CF5021×C SM5021 ×DH, CF5021×D 13.95 15 16.05 pF SM5021 ×EH, CF5021×E 11.16 12 12.84 |
Số phần tương tự - SM5021_06 |
|
Mô tả tương tự - SM5021_06 |