công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS8519IRHBR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
ADS8519IRHBR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 25 page www.ti.com ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS ADS8519 SLAS462 – JUNE 2007 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. PACKAGE/ORDERING INFORMATION(1) MINIMUM NO MINIMUM SPECIFICATION PACKAGE PACKAGE ORDERING TRANSPORT PRODUCT INL MISSING SINAD TEMPERATURE LEAD DESIGNATOR NUMBER MEDIA, QTY (LSB) CODE (dB) RANGE ADS8519IBRHB Tube, 50 5x5 QFN-32 RHB ADS8519IBRHBR Tape and Reel, 2000 ADS8519IB ±2 16 90 –40 °C to 85°C ADS8519IBDB Tube, 50 SSOP-28 DB ADS8519IBDBR Tape and Reel, 2000 ADS8519IRHB Tube, 50 5x5 QFN-32 RHB ADS8519IRHBR Tape and Reel, 2000 ADS8519I ±3 15 87 –40 °C to 85°C ADS8519IDB Tube, 50 SSOP-28 DB ADS8519IDBR Tape and Reel, 2000 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. over operating free-air temperature range (unless otherwise noted) (1) UNIT R1IN ±25 V R2IN ±25 V Analog inputs R3IN ±25 V REF +VANA + 0.3 V to AGND2 - 0.3 V DGND, AGND2 ±0.3 V VANA 6 V Ground voltage differences VDIG to VANA 0.3 V VDIG 6 V Digital inputs –0.3 V to +VDIG + 0.3 V Maximum junction temperature 165 °C Internal power dissipation 700 mW Lead temperature (soldering, 10s) 300 °C (1) All voltage values are with respect to network ground terminal. At TA = –40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference (unless otherwise specified) ADS8519I ADS8519IB PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX Resolution 16 16 Bits ANALOG INPUT Voltage ranges (1) Impedance (1) Capacitance 50 50 pF THROUGHPUT SPEED Conversion cycle time Acquire and convert 4 4 μs Throughput rate 250 250 kHz DC ACCURACY INL Integral linearity error –3 3 –2 2 LSB (2) DNL Differential linearity error –2 2 –1 1 LSB (1) ±10 V, ±5 V, 0 V to 8.192 V, etc. (see Table 3) (2) LSB means least significant bit. For the ±10-V input range, one LSB is 305 μV. 2 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): ADS8519 |
Số phần tương tự - ADS8519IRHBR |
|
Mô tả tương tự - ADS8519IRHBR |