công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8519IRHBR bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện ADS8519IRHBR
Giải thích chi tiết về linh kiện  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IRHBR bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS8519IRHBR Datasheet HTML 1Page - Texas Instruments ADS8519IRHBR Datasheet HTML 2Page - Texas Instruments ADS8519IRHBR Datasheet HTML 3Page - Texas Instruments ADS8519IRHBR Datasheet HTML 4Page - Texas Instruments ADS8519IRHBR Datasheet HTML 5Page - Texas Instruments ADS8519IRHBR Datasheet HTML 6Page - Texas Instruments ADS8519IRHBR Datasheet HTML 7Page - Texas Instruments ADS8519IRHBR Datasheet HTML 8Page - Texas Instruments ADS8519IRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
TIMING REQUIREMENTS, TA = –40°C to 85°C
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
24 23 22 21 20 19 18 17
BUSY
PWRD
VDIG
VANA
R1IN
AGND1
R2IN
R3IN
NC
DATA
DATACLK
SYNC
DGND
EXT/INT
SB/BTC
NC
1
2
3
4
5
6
7
8
Thermal Pad
VDIG
VANA
BUSY
CS
R/C
NC
TAG
NC
DATA
DATACLK
SYNC
R1IN
AGND1
NC
CAP
AGND2
NC
NC
NC
REF
DGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
R2IN
SB/BTC
EXT/INT
PWRD
NC
NC
R3IN
ADS8519
SLAS462 – JUNE 2007
PARAMETER
MIN
TYP
MAX
UNIT
tw1
Pulse duration, convert
40
ns
td1
Delay time, BUSY from R/C low
6
20
ns
tw2
Pulse duration, BUSY low
2.2
μs
td2
Delay time, BUSY, after end of conversion
5
ns
td3
Delay time, aperture
5
ns
tconv
Conversion time
2.2
μs
tacq
Acquisition time
1.8
μs
tconv + tacq Cycle time
4
μs
td4
Delay time, R/C Low to internal DATACLK output
270
ns
tc1
Cycle time, internal DATACLK
110
ns
td5
Delay time, data valid to internal DATACLK high
15
35
ns
td6
Delay time, data valid after internal DATACLK low
20
35
ns
tc2
Cycle time, external DATACLK
35
ns
tw3
Pulse duration, external DATACLK high
15
ns
tw4
Pulse duration, external DATACLK low
15
ns
tsu1
Setup time, R/C rise/fall to external DATACLK high
15
ns
tsu2
Setup time, R/C transition to CS transition
10
ns
td7
Delay time, SYNC, after external DATACLK high
3
35
ns
td8
Delay time, data valid from external DATACLK high
2
20
ns
td9
Delay time, CS rising edge to external DATACLK rising edge
10
ns
td10
Delay time, previous data available after CS, R/C low
2
μs
tsu3
Setup time, BUSY transition to first external DATACLK
5
ns
td11
Delay time, final external DATACLK to BUSY rising edge
1
μs
tsu3
Setup time, TAG valid
0
ns
th1
Hold time, TAG valid
2
ns
DB PACKAGE
RHB PACKAGE
(TOP VIEW)
(TOP VIEW)
Note:
The package thermal pad must be soldered
to the printed circuit board for thermal and
mechanical performance.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
ADS8519


Số phần tương tự - ADS8519IRHBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8519I TI-ADS8519I Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI-ADS8519IBDB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI1-ADS8519IBDB Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBG4 TI-ADS8519IBDBG4 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8519IRHBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com