công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXA3685ER bảng dữ liệu(PDF) 10 Page - Sony Corporation

tên linh kiện CXA3685ER
Giải thích chi tiết về linh kiện  Direct Conversion IC for Digital Satellite Broadcast Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONY [Sony Corporation]
Trang chủ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3685ER bảng dữ liệu(HTML) 10 Page - Sony Corporation

Back Button CXA3685ER Datasheet HTML 6Page - Sony Corporation CXA3685ER Datasheet HTML 7Page - Sony Corporation CXA3685ER Datasheet HTML 8Page - Sony Corporation CXA3685ER Datasheet HTML 9Page - Sony Corporation CXA3685ER Datasheet HTML 10Page - Sony Corporation CXA3685ER Datasheet HTML 11Page - Sony Corporation CXA3685ER Datasheet HTML 12Page - Sony Corporation CXA3685ER Datasheet HTML 13Page - Sony Corporation CXA3685ER Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
CXA3685ER
- 10 -
Electrical Characteristics
(See the Electrical Characteristics Measurement Circuit.)
VCC = 3.3V, Ta = 25°C
PLL Block
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
Circuit current
REFICC
1
3
5
mA
DICC
7
14
21
mA
OSCICC
8
18
28
mA
AICC
AGC voltage = 3.3V
40
71
100
mA
RFICC
10
18
26
mA
Input level range
RFDR
IQ output = 0.7Vp-p/1k
Ω load
–65
–15
dBm
IQ phase error
EPH
–5
1.5
7
deg
IQ amplitude error
EAMP
–2
0.5
2
dB
LPF cutoff frequency
FC
19
22.5
26
MHz
Noise figure
NF
RF = 950MHz AGC voltage = 3.3V
fIF = 10MHz
10
15
dB
OSC phase noise
PN
RF = 2150MHz 100kHz offset
–78
–82
dBc/Hz
RF pin leakage
LO
50
Ω termination, AGC voltage = 3.3V
–50
–60
dBm
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
SCL and SDA input
High level input voltage
VIH
2.3
3.3
V
Low level input voltage
VIL
GND
1
V
High level input current
IIH
VIH = VCC
01
μA
Low level input current
IIL
VIL = GND
–30
–20
μA
CPO (Charge pump)
Output current 1
ICPO1
when 100
μA is selected
±50
±100
±150
μA
Output current 2
ICPO2
when 150
μA is selected
±75
±150
±225
μA
Output current 3
ICPO3
when 200
μA is selected
±100
±200
±300
μA
Output current 4
ICPO4
when 300
μA is selected
±150
±300
±450
μA
Output current 5
ICPO5
when 500
μA is selected
±250
±500
±750
μA
Output current 6
ICPO6
when 1000
μA is selected
±500 ±1000 ±1500
μA
Output current 7
ICPO7
when 1500
μA is selected
±750 ±1500 ±2250
μA
Output current 8
ICPO8
when 2000
μA is selected
±1000 ±2000 ±3000 μA
REFOSC
Oscillation frequency range FXTOSC
4
32
MHz
REFOUT output level
REFOUT No load, 4MHz output
0.2
0.5
0.8
Vp-p
PORT output voltage
PORTV
ON, 1k
Ω load
3
3.2
3.3
V
EAOUT output voltage
EAOUTV Max. Gain, 350
Ω load
2.7
3
3.3
V


Số phần tương tự - CXA3685ER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
   Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

Mô tả tương tự - CXA3685ER

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Sony Corporation
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com