công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FLITEUS2U6TR bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện ST7FLITEUS2U6TR
Giải thích chi tiết về linh kiện  8-bit MCU with single voltage Flash memory, ADC, timers
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITEUS2U6TR bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  ST7FLITEUS2U6TR Datasheet HTML 1Page - STMicroelectronics ST7FLITEUS2U6TR Datasheet HTML 2Page - STMicroelectronics ST7FLITEUS2U6TR Datasheet HTML 3Page - STMicroelectronics ST7FLITEUS2U6TR Datasheet HTML 4Page - STMicroelectronics ST7FLITEUS2U6TR Datasheet HTML 5Page - STMicroelectronics ST7FLITEUS2U6TR Datasheet HTML 6Page - STMicroelectronics ST7FLITEUS2U6TR Datasheet HTML 7Page - STMicroelectronics ST7FLITEUS2U6TR Datasheet HTML 8Page - STMicroelectronics ST7FLITEUS2U6TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
January 2007
1/108
Rev. 4
ST7LITEUSx
8-bit MCU with single voltage Flash memory,
ADC, timers
Features
Memories
– 1K bytes single voltage Flash Program mem-
ory with read-out protection, In-Circuit and In-
Application Programming (ICP and IAP). 10K
write/erase cycles guaranteed, data retention:
20 years at 55°C.
– 128 bytes RAM.
Clock, Reset and Supply Management
– 3-level low voltage supervisor (LVD) and aux-
iliary voltage detector (AVD) for safe power-
on/off procedures
– Clock sources: internal trimmable 8MHz RC
oscillator, internal low power, low frequency
RC oscillator or external clock
– Five Power Saving Modes: Halt, Auto Wake
Up from Halt, Active-Halt, Wait and Slow
Interrupt Management
– 11 interrupt vectors plus TRAP and RESET
– 5 external interrupt lines (on 5 vectors)
I/O Ports
– 5 multifunctional bidirectional I/O lines
– 1 additional Output line
– 6 alternate function lines
– 5 high sink outputs
2 Timers
– One 8-bit Lite Timer (LT) with prescaler in-
cluding: watchdog, one realtime base and one
8-bit input capture.
– One 12-bit Auto-reload Timer (AT) with output
compare function and PWM
A/D Converter
– 10-bit resolution for 0 to VDD
– 5 input channels
Instruction Set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
Development Tools
– Full hardware/software development package
– Debug Module
Table 1. Device summary
Note 1: For development or tool prototyping purposes only. Not orderable in production quantities.
DIP8
SO8
150”
DFN8
Features
ST7ULTRALITE
ST7LITEUS2
ST7LITEUS5
Program memory - bytes
1K
RAM (stack) - bytes
128 (64)
Peripherals
LT Timer w/ Wdg, AT Timer w/ 1 PWM
ADC
-
10-bit
Operating Supply
2.4V to 3.3V @fCPU=4MHz, 3.3V to 5.5V @fCPU=8MHz
CPU Frequency
up to 8MHz RC
Operating Temperature
-40°C to +85°C / -40°C to 125°C
Packages
SO8 150”, DIP8, DFN8, DIP161)
1


Số phần tương tự - ST7FLITEUS2U6TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FLITEU05B3 STMICROELECTRONICS-ST7FLITEU05B3 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEU05B6 STMICROELECTRONICS-ST7FLITEU05B6 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEU05M3 STMICROELECTRONICS-ST7FLITEU05M3 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEU05M3TR STMICROELECTRONICS-ST7FLITEU05M3TR Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEU05M6 STMICROELECTRONICS-ST7FLITEU05M6 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results

Mô tả tương tự - ST7FLITEUS2U6TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7LITEU05 STMICROELECTRONICS-ST7LITEU05 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com