công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTA416Y-600C bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BTA416Y-600C
Giải thích chi tiết về linh kiện  16 A Three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA416Y-600C bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BTA416Y-600C Datasheet HTML 1Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 2Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 3Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 4Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 5Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 6Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 7Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 8Page - NXP Semiconductors BTA416Y-600C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Passivated, new generation, high commutation triacs in an internally insulated TO-220
plastic package.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BTA416Y series B and C
16 A Three-quadrant triacs, insulated, high commutation, high
temperature
Rev. 01 — 3 October 2007
Product data sheet
I Very high commutation performance
I High immunity to dV/dt
I Isolated mounting base
I 2500 V RMS isolation voltage
I High operating junction temperature
I Heating and cooking appliances
I Non-linear rectifier-fed motor loads
I High power motor control e.g. vacuum
cleaners
I Electronic thermostats for heating and
cooling loads
I Solid-state relays
I VDRM ≤ 600 V (BTA416Y-600B and C)
I IGT ≤ 50 mA (BTA416Y series B)
I VDRM ≤ 800 V (BTA416Y-800B and C)
I IGT ≤ 35 mA (BTA416Y series C)
I ITSM ≤ 160 A (t = 20 ms)
I IT(RMS) ≤ 16 A
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
main terminal 1 (T1)
SOT78D (TO-220)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base; isolated
12
mb
3
sym051
T1
G
T2


Số phần tương tự - BTA416Y-600C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BTA416Y-600C NXP-BTA416Y-600C Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
Inchange Semiconductor ...
BTA416Y-600C ISC-BTA416Y-600C Datasheet
221Kb / 1P
   isc Thyristors
logo
SiPower Inc.
BTA416Y-600C SIPOWER-BTA416Y-600C Datasheet
1,003Kb / 6P
   16A Triacs
logo
WeEn Semiconductors
BTA416Y-600C WEEN-BTA416Y-600C Datasheet
237Kb / 13P
   3Q Hi-Com Triac
More results

Mô tả tương tự - BTA416Y-600C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com