công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVTH16373DLG4 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện 74ALVTH16373DLG4
Giải thích chi tiết về linh kiện  2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

74ALVTH16373DLG4 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button 74ALVTH16373DLG4 Datasheet HTML 3Page - Texas Instruments 74ALVTH16373DLG4 Datasheet HTML 4Page - Texas Instruments 74ALVTH16373DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVTH16373DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVTH16373DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVTH16373DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVTH16373DLG4 Datasheet HTML 9Page - Texas Instruments 74ALVTH16373DLG4 Datasheet HTML 10Page - Texas Instruments 74ALVTH16373DLG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN54ALVTH16373, SN74ALVTH16373
2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCES067F – JUNE 1996 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
SN54ALVTH16373
SN74ALVTH16373
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
1.5
1.5
ns
t
Setup time data before LE
Data high
1.1
1
ns
tsu
Setup time, data before LE
Data low
1.6
1.5
ns
th
Hold time data after LE
Data high
1
0.9
ns
th
Hold time, data after LE
Data low
1.6
1.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 2)
SN54ALVTH16373
SN74ALVTH16373
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
1.5
1.5
ns
t
Setup time data before LE
Data high
1.5
1.4
ns
tsu
Setup time, data before LE
Data low
1
0.9
ns
th
Hold time data after LE
Data high
1
0.9
ns
th
Hold time, data after LE
Data low
1.5
1.4
ns
switching characteristics over recommended operating free-air temperature range, CL = 30 pF,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ALVTH16373
SN74ALVTH16373
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
1
3.4
1
3.3
ns
tPHL
D
Q
1
4.3
1
4.2
ns
tPLH
LE
Q
1.4
3.9
1.5
3.8
ns
tPHL
LE
Q
1.4
4.6
1.5
4.5
ns
tPZH
OE
Q
1.7
4.4
1.8
4.3
ns
tPZL
OE
Q
1.4
4.1
1.5
4
ns
tPHZ
OE
Q
1.4
4.7
1.5
4.6
ns
tPLZ
OE
Q
1
3.7
1
3.6
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
SN54ALVTH16373
SN74ALVTH16373
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tPLH
D
Q
1
3.2
1
3.1
ns
tPHL
D
Q
1
3.4
1
3.3
ns
tPLH
LE
Q
1
3.4
1
3.3
ns
tPHL
LE
Q
1
3.6
1
3.5
ns
tPZH
OE
Q
1.3
4.1
1.4
4
ns
tPZL
OE
Q
1
3.5
1
3.4
ns
tPHZ
OE
Q
1.4
5
1.5
4.9
ns
tPLZ
OE
Q
1.4
4.6
1.5
4.5
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Số phần tương tự - 74ALVTH16373DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74ALVTH16374DL TI-74ALVTH16374DL Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374GRE4 TI-74ALVTH16374GRE4 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374GRE4 TI-74ALVTH16374GRE4 Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374VRE4 TI-74ALVTH16374VRE4 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ALVTH16374VRE4 TI-74ALVTH16374VRE4 Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVTH16373DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH32373 TI-SN54ALVTH32373 Datasheet
183Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH32373 TI1-SN54ALVTH32373_14 Datasheet
898Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_07 Datasheet
398Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH16373 TI-SN54LVTH16373 Datasheet
465Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI1-SN54LVTH162373_14 Datasheet
890Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373_08 Datasheet
507Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373_071 TI-SN54LVTH162373_071 Datasheet
478Kb / 16P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54LVTH162373 TI-SN54LVTH162373 Datasheet
104Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AVC32373 TI-SN74AVC32373 Datasheet
165Kb / 10P
[Old version datasheet]   1.2-V/3.3-V 32-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com