công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM59264C25 bảng dữ liệu(PDF) 4 Page - SyncMOS Technologies,Inc

tên linh kiện SM59264C25
Giải thích chi tiết về linh kiện  8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SYNCMOS [SyncMOS Technologies,Inc]
Trang chủ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59264C25 bảng dữ liệu(HTML) 4 Page - SyncMOS Technologies,Inc

  SM59264C25 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59264C25 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
SyncMOS Technologies International, Inc.
SM59264
8-Bits Micro-controller
with 128KB flash & 1KB RAM & TWSI & SPWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM59264 08/2006
4
Pin Description
40L
PDIP
Pin#
44L
QFP
Pin#
44L
PLCC
Pin#
Symbol
Active
I/O
Names
1
40
2
P1.0/T2
i/o
bit 0 of port 1 & timer 2 clock out
2
41
3
P1.1/T2EX
i/o
bit 1 of port 1 & timer 2 control
3
42
4
P1.2
i/o
bit 2 of port 1
4
43
5
P1.3/SPWM0
i/o
bit 3 of port 1 & SPWM channel 0
5
44
6
P1.4/SPWM1
i/o
bit 4 of port 1 & SPWM channel 1
6
1
7
P1.5/SPWM2
i/o
bit 5 of port 1 & SPWM channel 2
7
2
8
P1.6/SCL
i/o
bit 6 of port 1 & TWSI Bus Clock
8
3
9
P1.7/SDA
i/o
bit 7 of port 1 & TWSI Bus Data
9
4
10
RES
H
i
Reset
10
5
11
P3.0/RXD
i/o
bit 0 of port 3 & Receiver data
11
7
13
P3.1/TXD
i/o
bit 1 of port 3 & Transmit data
12
8
14
P3.2/#INT0
L/-
i/o
bit 2 of port 3 & low true interrupt 0
13
9
15
P3.3/#INT1
L/-
i/o
bit 3 of port 3 & low true interrupt 1
14
10
16
P3.4/T0
i/o
bit 4 of port 3 & Timer 0
15
11
17
P3.5/T1
i/o
bit 5 of port 3 & Timer 1
16
12
18
P3.6/#WR
i/o
bit 6 of port 3 & ext. memory write
17
13
19
P3.7/#RD
i/o
bit 7 of port 3 & ext. mem. Read
18
14
20
XTAL2
o
Crystal out
19
15
21
XTAL1
i
Crystal in
20
16
22
VSS
Sink Voltage, Ground
21
18
24
P2.0/A8
i/o
bit 0 of port 2 & bit 8 of ext. memory address
22
19
25
P2.1/A9
i/o
bit 1 of port 2 & bit 9 of ext. memory address
23
20
26
P2.2/A10
i/o
bit 2 of port 2 & bit 10 of ext. memory address
24
21
27
P2.3/A11
i/o
bit 3 of port 2 & bit 11 of ext. memory address
25
22
28
P2.4/A12
i/o
bit 4 of port 2 & bit 12 of ext. memory address
26
23
29
P2.5/A13
i/o
bit 5 of port 2 & bit 13 of ext. memory address
27
24
30
P2.6/A14
i/o
bit 6 of port 2 & bit 14 of ext. memory address
28
25
31
P2.7/A15
i/o
bit 7 of port 2 & bit 15 of ext. memory address
29
26
32
#PSEN
o
program storage enable
30
27
33
ALE
o
address latch enable
31
29
35
#EA
L
I
external access
32
30
36
P0.7/AD7
i/o
bit 7 of port 0 & data/address bit 7 of ext. memory
33
31
37
P0.6/AD6
i/o
bit 6 of port 0 & data/address bit 6 of ext. memory
34
32
38
P0.5/AD5
i/o
bit 5 of port 0 & data/address bit 5 of ext. memory
35
33
39
P0.4/AD4
i/o
bit 4 of port 0 & data/address bit 4 of ext. memory
36
34
40
P0.3/AD3
i/o
bit 3 of port 0 & data/address bit 3 of ext. memory
37
35
41
P0.2/AD2
i/o
bit 2 of port 0 & data/address bit 2 of ext. memory
38
36
42
P0.1/AD1
i/o
bit 1 of port 0 & data/address bit 1 of ext. memory
39
37
43
P0.0/AD0
i/o
bit 0 of port 0 & data/address bit 0 of ext. memory
40
38
44
VDD
Drive Voltage, +5 Vcc
17
23
P4.0
i/o
bit 0 of Port 4
28
34
P4.1
i/o
bit 1 of Port 4
39
1
P4.2
i/o
bit 2 of Port 4
6
12
P4.3
i/o
bit 3 of port 4


Số phần tương tự - SM59264C25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM59264IHHK SYNCMOS-SM59264IHHK Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results

Mô tả tương tự - SM59264C25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com