công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX6662 bảng dữ liệu(PDF) 6 Page - Maxim Integrated Products

tên linh kiện MAX6662
Giải thích chi tiết về linh kiện  12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6662 bảng dữ liệu(HTML) 6 Page - Maxim Integrated Products

  MAX6662 Datasheet HTML 1Page - Maxim Integrated Products MAX6662 Datasheet HTML 2Page - Maxim Integrated Products MAX6662 Datasheet HTML 3Page - Maxim Integrated Products MAX6662 Datasheet HTML 4Page - Maxim Integrated Products MAX6662 Datasheet HTML 5Page - Maxim Integrated Products MAX6662 Datasheet HTML 6Page - Maxim Integrated Products MAX6662 Datasheet HTML 7Page - Maxim Integrated Products MAX6662 Datasheet HTML 8Page - Maxim Integrated Products MAX6662 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
12-Bit + Sign Temperature Sensor with
SPI-Compatible Serial Interface
6
_______________________________________________________________________________________
Temperature Fault Queue
The activation of
ALERT and OT is subject to the depth
of the fault queue. If the Fault Queue bit in the
Configuration register is enabled,
ALERT or OT does
not assert until four consecutive temperature conver-
sions are at fault.
For example: If THIGH is set to 100°C, THYST is set to
20°C,
ALERT is set to interrupt mode, and fault queue
is enabled,
ALERT does not assert until four consecu-
tive conversions exceed 100°C. If the temperature is
then read through the serial interface,
ALERT
deasserts.
ALERT asserts again when four consecutive
conversions are less than 80°C.
Shutdown Mode
The MAX6662 features a programmable shutdown
mode. Set the Shutdown bit in the Configuration register
to 1 to shut down. In the shutdown mode, everything is
disabled except the power-on reset (POR) and the seri-
al interface. In the shutdown mode, information stored
in all registers is retained. The Temperature register
retains the temperature from the last conversion result.
Serial Interface Protocol
The serial interface consists of three signal lines: chip
select (
CS), bidirectional data line (SIO), and serial
clock (SCLK). Only the master (external) drives
CS and
SCLK. Both the master and the MAX6662 drive SIO.
When
CS is high, the MAX6662 does not respond to any
activity on clock and data lines. When
CS goes low, a
transaction begins. A valid transaction has 24 clock
cycles provided from SCLK after
CS goes low—no more
and no fewer. Any communication with more or fewer
than exactly 24 clocks is ignored. Data is clocked in to
the MAX6662 at the rising edge of SCLK when the mas-
ter is writing. Data is clocked out at the falling edge of
SCLK when the master is reading. Both the command
byte and data word are clocked in (or out) with the
most-significant bit (MSB) bit first. The first eight clock
cycles are dedicated to the command byte (1 bit per
cycle). This command byte is input to the MAX6662
through the SIO. Sixteen cycles of data follow. The 16
cycles of data are either driven by the master or by the
MAX6662, depending on the command byte. If the
MAX6662 is driving the SIO, it starts driving at the
falling edge of the eighth clock up until the rising edge
of
CS. Data is available on the falling edge of the eighth
clock cycle. Figure 3 depicts a valid serial interface
transaction and Figure 4 is the serial interface timing
diagram.
12
3
4
5
6
7
8
9
10
23 24
DATA WORD (16 BITS)
CS
SCLK
SIO
COMMAND BYTE (8 BITS)
Figure 3. MAX6662 Serial Interface Operation
tCSS
tCSH
tCSW
tCH
tCL
tTR
tDS
tDO
tF
CS
SCLK
SIO
tDH
Figure 4. Detailed Serial Interface Timing Diagram
BIT
POR
DESCRIPTION
15 to 13
0
Reserved. Writing to these bits is ignored.
12
0
Fault Queue bit. Set to 1 to enable queue.
11
0
ALERT polarity bit. Set to 1 for active-high ALERT output. Default is 0 for the ALERT output active-low.
10
0
OT polarity bit. Set to 1 for active-high OT output. Default is 0 for the OT output active-low.
9
0
Interrupt Mode bit. Set to 1 to enable the interrupt mode. Default is 0 for the comparator mode.
8
0
Shutdown bit. Set to 1 to shut down the MAX6662.
7 to 0
0
Reserved. Writing to these bits is ignored.
Table 1. Bit Descriptions of the Configuration Register


Số phần tương tự - MAX6662

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX6662MSA MAXIM-MAX6662MSA Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
More results

Mô tả tương tự - MAX6662

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6633 MAXIM-MAX6633 Datasheet
210Kb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Rev 0; 8/01
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 TI-LM74_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com