công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD-1350-F bảng dữ liệu(PDF) 1 Page - Optoway Technology Inc

tên linh kiện PD-1350-F
Giải thích chi tiết về linh kiện  Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTOWAY [Optoway Technology Inc]
Trang chủ  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-1350-F bảng dữ liệu(HTML) 1 Page - Optoway Technology Inc

  PD-1350-F Datasheet HTML 1Page - Optoway Technology Inc PD-1350-F Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optoway
PD-1350
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/15/2004 V2.1
Mini-Size InGaAs PIN PD MODULE
PD-1350
InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
****************************************************************************************************************************************************************
FEATURES
² High responsivity for dual windows at 1310 nm and 1550 nm
² Low dark current
² Quick pulse response
² Low return loss
² Coaxial Module with 9/125
µm Single-Mode Fiber
² Mini-size Package
APPLICATION
SDH, ATM, LAN
DESCRIPTION
PD-1350 series are designed for coupling a single-mode fiber with high reliable InGaAs PIN photodiodes.
PD-1350 series are specially designed as detector for Datacom and Telecom application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Detection Range
λ
1100
-
1650
nm
VR=5V, λ=1300nm
0.85
-
A/W
R
Responsivity
VR=5V, λ=1550nm
0.85
-
A/W
Idark
Dark Current
VR=5V
0.3
0.7
nA
C
Capacitance
VR=5V
1.0
pF
Tr/Tf
Rise/Fall Time
VR=5V, 10~90%
0.5
ns
ORL
Optical Return Loss
VR=5V, λ=1550nm
40
dB
BW
Bandwidth
VR=5V
2
GHz
Absolute Maximum Ratings
(Tc=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Input Optical Power
10
mW
VRD
PD Reverse Voltage
20
V
IFD
PD Forward Current
10
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Số phần tương tự - PD-1350-F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Optoway Technology Inc
PD-1300 OPTOWAY-PD-1300 Datasheet
70Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
PD-1300-HF OPTOWAY-PD-1300-HF Datasheet
70Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
PD-1300-HF OPTOWAY-PD-1300-HF Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1300-HFA OPTOWAY-PD-1300-HFA Datasheet
70Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
PD-1300-HFA OPTOWAY-PD-1300-HFA Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
More results

Mô tả tương tự - PD-1350-F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Optoway Technology Inc
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
PD-1300 OPTOWAY-PD-1300 Datasheet
70Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
PD-1320 OPTOWAY-PD-1320 Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-8350 OPTOWAY-PD-8350 Datasheet
61Kb / 2P
   Mini-Size GaAs PIN PD MODULE GaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
APD-1350 OPTOWAY-APD-1350 Datasheet
74Kb / 2P
   Mini-Size InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
logo
OPLINK Communications I...
PIPD15502001111 OPLINK-PIPD15502001111 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD OPLINK-PIPD Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD-S0063 OPLINK-PIPD-S0063 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD131005011 OPLINK-PIPD131005011 Datasheet
217Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com