công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC912XDP512F0CFU bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC912XDP512F0CFU
Giải thích chi tiết về linh kiện  Covers, S12XD, S12XB & S12XA Families
Download  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC912XDP512F0CFU bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC912XDP512F0CFU Datasheet HTML 1Page - Freescale Semiconductor, Inc MC912XDP512F0CFU Datasheet HTML 2Page - Freescale Semiconductor, Inc MC912XDP512F0CFU Datasheet HTML 3Page - Freescale Semiconductor, Inc MC912XDP512F0CFU Datasheet HTML 4Page - Freescale Semiconductor, Inc MC912XDP512F0CFU Datasheet HTML 5Page - Freescale Semiconductor, Inc MC912XDP512F0CFU Datasheet HTML 6Page - Freescale Semiconductor, Inc MC912XDP512F0CFU Datasheet HTML 7Page - Freescale Semiconductor, Inc MC912XDP512F0CFU Datasheet HTML 8Page - Freescale Semiconductor, Inc MC912XDP512F0CFU Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
4
Freescale Semiconductor
To provide the most up-to-date information, the revision of our documents on the World Wide Web will be
the most current. Your printed copy may be an earlier revision. To verify you have the latest information
available, refer to:
http://freescale.com/
A full list of family members and options is included in the appendices.
Read page 29 first to understand the maskset specific chapters of this document
This document contains information for all constituent modules, with the exception of the S12X CPU. For
S12X CPU information please refer to the CPU S12X Reference Manual.
Revision History
Date
Revision
Level
Description
April, 2005
02.07
New Book
May, 2005
02.08
Minor corrections
May, 2005
02.09
removed ESD Machine Model from electrical characteristics
added thermal characteristics
added more details to run current measurement configurations
VDDA supply voltage range 3.15V - 3.6V fot ATD Operating Characteristics
I/O Chararcteristics for alll pins except EXTAL, XTAL ....
corrected VREG electrical spec
IDD wait max 95mA
May 2005
02.10
Improvements to NVM reliabity spec, added part numbers
July 2005
02.11
Added ROM parts to App.
October 2005
02.12
Single Souce S12XD Fam. Document, New Memory Map Figures,
May 2006
2.13
SPI electricals updated
Voltage Regulator electricals updated
Added Partnumbers and 1L15Y maskset
Updated App. E 6SCI’s on 112 pin DT/P512 and 3 SPI’s on all D256 parts
June 2006
2.14
Data Sheet covers S12XD/B & A Family
Included differnt pull device specification for differnt masksets
July 2006
2.15
Minor Corrections and Improvments
June 2007
2.16
Added 2M42E and 1M84E masksets
July 2007
2.17
Modified Appendix
Freescale™ and the Freescale logo are trademarks of Freescale Semiconductor, Inc.
This product incorporates SuperFlash® technology licensed from SST.
© Freescale Semiconductor, Inc., 2005. All rights reserved.


Số phần tương tự - MC912XDP512F0CFU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC912XDP512F0CFUR FREESCALE-MC912XDP512F0CFUR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC912XDP512F0CFUR FREESCALE-MC912XDP512F0CFUR Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet
MC912XDP512F0CFUR FREESCALE-MC912XDP512F0CFUR Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
MC912XDP512F0CFUR FREESCALE-MC912XDP512F0CFUR Datasheet
4Mb / 1348P
   HCS12X Microcontrollers
More results

Mô tả tương tự - MC912XDP512F0CFU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S12XDG128CAL FREESCALE-MC9S12XDG128CAL Datasheet
7Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
MC9S12XDP512 FREESCALE-MC9S12XDP512 Datasheet
4Mb / 1348P
   Covers S12XD, S12XB & S12XA Families
MC9S12XDT512CAA FREESCALE-MC9S12XDT512CAA Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDP512CAG FREESCALE-MC9S12XDP512CAG Datasheet
7Mb / 1348P
   S12XD, S12XB & S12XA Families
MC9S12XDT256MAA FREESCALE-MC9S12XDT256MAA Datasheet
7Mb / 1348P
   MC9S12XDP512 Data Sheet Covers S12XD, S12XB & S12XA Families
MC9S12XDT256MAL FREESCALE-MC9S12XDT256MAL Datasheet
7Mb / 1348P
   This documentation covers all devices in the S12XD, S12XB and S12XA families.
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com