công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APD-1310 bảng dữ liệu(PDF) 1 Page - Optoway Technology Inc |
|
APD-1310 bảng dữ liệu(HTML) 1 Page - Optoway Technology Inc |
1 / 2 page Optoway APD-1310 **************************************************************************************************************************************************************** *************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 3/1/2005 V2.0 InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail **************************************************************************************************************************************************************** FEATURES ² Data Rate up to 2.7 Gbps ² 0.9 A/W Typical Responsivity ² Breakdown voltage: 40V Typical ² Wide Wavelength Band: 1260 nm to 1620 nm ² Case Operating Temperature: -40 to 85oC ² Coaxial Module with 9/125 µm Single-Mode Fiber APPLICATIONSC Receiver supports long distance fiber-optics communication systems with performance up to 2.7 Gb/s data rate, -40 to 85 oC operating temperature. ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc=25ºC) Symbol Parameter Test Conditions Min. Typ. Max. Unit Detection Range λ 1260 - 1620 nm VBR Breakdown Voltage Idark=10 µA 35 47 V VOP Operating Voltage Best Sensitivity VBR-3 VBR-2 V dVBR/dT Temperature Coefficient of Breakdown Voltage 0.06 0.07 0.10 V/ oC Idark Dark Current VR =0.9 VBR 80 100 nA R Responsivity λ=1550nm, M=1 0.85 A/W C Capacitance VR =0.9 VBR, f=1MHz 0.5 0.8 pF ORL Optical Return Loss Vop, λ= 1550 nm 40 dB BW Bandwidth RL=50 Ω, -3 dB, M=10 2.5 3 GHz Absolute Maximum Ratings (Tc=25 ºC) Symbol Parameter Minimum Maximum Unit IF APD Forward Current 2 mA IR APD Reverse Current 3 mA VR APD Reverse Voltage VBR V Topr Operating Temperature -40 85 ºC Tstg Storage Temperature -40 85 ºC Stress in excess of the absolute Maximum Ratings may cause permanent damage to the device. |
Số phần tương tự - APD-1310 |
|
Mô tả tương tự - APD-1310 |