công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UF1000 bảng dữ liệu(PDF) 1 Page - Pan Jit International Inc.

tên linh kiện UF1000
Giải thích chi tiết về linh kiện  ULTRAFAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF1000 bảng dữ liệu(HTML) 1 Page - Pan Jit International Inc.

  UF1000 Datasheet HTML 1Page - Pan Jit International Inc. UF1000 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-FEB.19.2004
DATA SHEET
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• Ultra fast recovery time, high voltage.
• Both normal and Pb free product are available :
Normal : 80~95% Sn, 5~20% Pb
Pb free: 98.5% Sn above
UF1000~UF1008
ULTRAFAST RECOVERY RECTIFIERS
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A.
3. Thermal resistance from Junction to case.
4. Both Bonding and Chip structure are available.
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Unit : inch (mm)
TO-220AC
MECHANCALDATA
Case: TO-220AC full molded plastic package
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked.
Standard packaging: Any
Weight: 0.08 ounces, 2.24grams.
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VOLTAGE
50 to 800 Volts
10.0 Amperes
CURRENT
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
0
0
1
F
U1
0
0
1
F
U2
0
0
1
F
U3
0
0
1
F
U4
0
0
1
F
U6
0
0
1
F
U8
0
0
1
F
US
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV RRM
0
50
0
10
0
20
0
30
0
40
0
60
0
8V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV RMS
5
30
70
4
10
1
20
8
20
2
40
6
5V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV DC
0
50
0
10
0
20
0
30
0
40
0
60
0
8V
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
Mc
0
0
1
=
OCIAV
0
1A
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
IFSM
0
5
1A
A
0
.
0
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV F
0
.
10
3
.
10
7
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
=
OC
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
A
5
2
1
=
OC
IR
0
1
0
0
5
A
u
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
TC J
0
80
5F
p
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
MTRR
0
50
0
1s
n
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T)
3
e
t
o
N
(
eR
θ C
J2
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OTJ T
, STG
0
5
1
+
o
t
0
5
-
OC


Số phần tương tự - UF1000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1000 WTE-UF1000 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
UF1000 CHENG-YI-UF1000 Datasheet
170Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
86Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
More results

Mô tả tương tự - UF1000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB1610CT DYELEC-MURB1610CT Datasheet
801Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
MURB2010CT DYELEC-MURB2010CT Datasheet
943Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com