công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCHR16245GRE4 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện 74ALVCHR16245GRE4
Giải thích chi tiết về linh kiện  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

74ALVCHR16245GRE4 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button 74ALVCHR16245GRE4 Datasheet HTML 4Page - Texas Instruments 74ALVCHR16245GRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCHR16245GRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCHR16245GRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCHR16245GRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCHR16245GRE4 Datasheet HTML 9Page - Texas Instruments 74ALVCHR16245GRE4 Datasheet HTML 10Page - Texas Instruments 74ALVCHR16245GRE4 Datasheet HTML 11Page - Texas Instruments 74ALVCHR16245GRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ALVCHR16245GRE4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCHR16245GRG4
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCHR16245LRG4
ACTIVE
SSOP
DL
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74ALVCHR16245ZQLR
ACTIVE
BGA MI
CROSTA
R JUNI
OR
ZQL
56
1000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
SN74ALVCHR16245GR
ACTIVE
TSSOP
DGG
48
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ALVCHR16245KR
NRND
BGA MI
CROSTA
R JUNI
OR
GQL
56
1000
TBD
SNPB
Level-1-240C-UNLIM
SN74ALVCHR16245LR
ACTIVE
SSOP
DL
48
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
27-Sep-2007
Addendum-Page 1


Số phần tương tự - 74ALVCHR16245GRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74ALVCHR16245GRE4 TI-74ALVCHR16245GRE4 Datasheet
296Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCHR16245GRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com