công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADV7403KSTZ-1402 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADV7403KSTZ-1402
Giải thích chi tiết về linh kiện  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADV7403KSTZ-1402 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADV7403KSTZ-1402 Datasheet HTML 5Page - Analog Devices ADV7403KSTZ-1402 Datasheet HTML 6Page - Analog Devices ADV7403KSTZ-1402 Datasheet HTML 7Page - Analog Devices ADV7403KSTZ-1402 Datasheet HTML 8Page - Analog Devices ADV7403KSTZ-1402 Datasheet HTML 9Page - Analog Devices ADV7403KSTZ-1402 Datasheet HTML 10Page - Analog Devices ADV7403KSTZ-1402 Datasheet HTML 11Page - Analog Devices ADV7403KSTZ-1402 Datasheet HTML 12Page - Analog Devices ADV7403KSTZ-1402 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADV7403
Rev. SpA | Page 9 of 24
ABSOLUTE MAXIMUM RATINGS
STRESS RATINGS
Table 5.
Parameter
Rating
AVDD to AGND
4 V
DVDD to DGND
2.2 V
PVDD to AGND
2.2 V
DVDDIO to DGND
4 V
DVDDIO to AVDD
−0.3 V to +0.3 V
PVDD to DVDD
−0.3 V to +0.3 V
DVDDIO to PVDD
−0.3 V to +2 V
DVDDIO to DVDD
−0.3 V to +2 V
AVDD to PVDD
−0.3 V to +2 V
AVDD to DVDD
−0.3 V to +2 V
Digital Inputs Voltage to
DGND
DGND − 0.3 V to DVDDIO + 0.3 V
Digital Outputs Voltage to
DGND
DGND − 0.3 V to DVDDIO + 0.3 V
Analog Inputs to AGND
AGND − 0.3 V to AVDD + 0.3 V
Maximum Junction
Temperature (TJ MAX)
125°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow Soldering
(20 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption when using the part the user is
advised to turn off any unused ADCs .
The junction temperature must always stay below the
maximum junction temperature (TJ MAX) of 125°C. This
equation shows how to calculate the junction temperature:
TJ = TA Max + (θJA × WMax)
where:
TA Max = 85°C.
θJA = 30°C/W.
WMax = ((AVDD × IAVDD)+(DVDD × IDVDD)+ (DVDDIO ×
IDVDDIO) + (PVDD × IPVDD)).
THERMAL SPECIFICATIONS
Table 6.
Thermal Characteristics
Symbol
Test Conditions
Typ
Unit
Junction-to-Case Thermal Resistance
θJC
4-layer PCB with solid ground plane
7
°C/W
Junction-to-Ambient Thermal Resistance
θJA
4-layer PCB with solid ground plane (still air)
30
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Số phần tương tự - ADV7403KSTZ-1402

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results

Mô tả tương tự - ADV7403KSTZ-1402

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com