công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA158 bảng dữ liệu(PDF) 1 Page - Pan Jit International Inc.

tên linh kiện BA158
Giải thích chi tiết về linh kiện  FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BA158 bảng dữ liệu(HTML) 1 Page - Pan Jit International Inc.

  BA158 Datasheet HTML 1Page - Pan Jit International Inc. BA158 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-NOV.15.2004
FEATURES
• High current capability.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Low leakage.
• Exceeds environmental standards of MIL-S-19500/228
• Fast switching for high efficiency.
• Pb free product are available : 99% Sn above can meet Rohs environment substance
directive request
MECHANICALDATA
Case: Molded plastic, DO-41
Terminals: Axial leads, solderable to MIL-STD-202G,Method 208
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
BA157~BA159
FAST RECOVERY PLASTIC RECTIFIER
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
400 to 1000 Volts
1.0 Amperes
CURRENT
VOLTAGE
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length with both leads equally heatsink.
DATA SHEET
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
7
5
1
A
B8
5
1
A
B9
5
1
A
B
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V RRM
0
0
40
0
60
0
0
1V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
V RMS
0
8
20
2
40
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V DC
0
0
40
0
60
0
0
1V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
A
5
5
=
O C
IAV
0
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
IFS M
0
3A
A
0
.
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
3
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
A
0
0
1
=
O C
IR
0
.
5
0
0
5
A
u
)
1
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
TRR
0
5
10
5
2s
n
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
C J
2
1F
p
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θ A
J1
4
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ T
, STG
0
5
1
+
O
T
5
5
-
O C


Số phần tương tự - BA158

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rugao Dachang Electroni...
BA158 DACHANG-BA158 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Leshan Radio Company
BA158 LRC-BA158 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Jinan Jingheng (Group) ...
BA158 JINANJINGHENG-BA158 Datasheet
74Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Mô tả tương tự - BA158

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chongqing Pingwei Enter...
1F1 CHONGQING-1F1 Datasheet
40Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
BA157G CHONGQING-BA157G Datasheet
38Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Pan Jit International I...
1N4942 PANJIT-1N4942_09 Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Comchip Technology
1N4933 COMCHIP-1N4933 Datasheet
39Kb / 2P
   Plastic Fast Recovery Rectifier
logo
Chongqing Pingwei Enter...
FR2A CHONGQING-FR2A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201G CHONGQING-FR201G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR201 CHONGQING-FR201 Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR301G CHONGQING-FR301G Datasheet
39Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
FR601 CHONGQING-FR601 Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
RS1A CHONGQING-RS1A Datasheet
41Kb / 1P
   FAST RECOVERY PLASTIC RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com