công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CBWSSU2115533290653 bảng dữ liệu(PDF) 2 Page - Bookham, Inc. |
|
CBWSSU2115533290653 bảng dữ liệu(HTML) 2 Page - Bookham, Inc. |
2 / 3 page D Band Filters for 200GHz Typical design specifications (valid over operating temperature) Transmitted Channels 4-skip-0 4-skip-1 4-skip-2 Clear Channel Passband 666 666 666 1.0 1.0 1.0 Insertion Loss Variation 0.3 0.3 0.2 Adjacent Band Isolation 25 25 25 PDL over Clear Channel 0.15 0.1 0.1 Return Loss 454545 Reflected Channel 0.45 0.45 0.45 PDL 0.15 0.1 0.1 Reflection Isolation b 15 15 20 Directivity 45 45 45 Component Parameters Operating Temperature Storage Temperature 5.5 (Ø) x 51 (L) ss includes connector pair. t edge of clear channel passband ominal overall length. Standard package length without boots nominally 35mm. dB dB mm to 70 -40 to 85 dB dB dB unit Dimensions c (standard packaging) Insertion Loss a dB GHz dB Insertion Loss a °C °C dB dB a Lo b A c N -5 Example Applications and Performance Banded 4-skip-0 applications and 4-skip-0 performance at -5C, 25C, and 70C Banded Mux/Demux -35 -30 -25 -20 -15 -10 -5 0 1525 1527 1529 1531 1533 1535 1537 W avelength (nm ) Transm ission (25C ) R eflection (25C ) Transm ission (-5C ) R eflection (-5C ) Transm ission (70C ) R eflection (70C ) 4 skip 0 4 skip 0 4 Channel Demux Add 4 Channel Mux Drop Banded OADM 4 skip 0 4 skip 0 4 skip 0 4 skip 0 |
Số phần tương tự - CBWSSU2115533290653 |
|
Mô tả tương tự - CBWSSU2115533290653 |