công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7GEME4U1 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện ST7GEME4U1
Giải thích chi tiết về linh kiện  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4U1 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  ST7GEME4U1 Datasheet HTML 1Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 2Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 3Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 4Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 5Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 6Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 7Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 8Page - STMicroelectronics ST7GEME4U1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ST7GEME4
Introduction
5/28
1
Introduction
The ST7GEME4 device is a member of the ST7 microcontroller family designed for USB
applications. All devices are based on a common industry-standard 8-bit core, featuring an
enhanced instruction set.
The ST7GEME4 is factory-programmed ROM devices and as such are not
reprogrammable.
It operates at a 4 MHz external oscillator frequency.
Under software control, all devices can be placed in Halt mode, reducing power
consumption when the application is in idle or stand-by state.
The enhanced instruction set and addressing modes of the ST7 offer both power and
flexibility to software developers, enabling the design of highly efficient and compact
application code. In addition to standard 8-bit data management, all ST7 microcontrollers
feature true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes.
The ST7GEME4 includes an ST7 Core, up to 16 Kbytes of program memory, up to 512
bytes of user RAM and the following on-chip peripherals:
USB full speed interface with 7 endpoints, programmable in/out configuration and
embedded 3.3 V voltage regulator and transceivers (no external components are
needed).
ISO 7816-3 UART interface with programmable baud rate from 372 clock pulses up to
11.625 clock pulses
Smartcard supply block able to provide programmable supply voltage and I/O voltage
levels to the smartcards
Low voltage reset ensuring proper power-on or power-off of the device (selectable by
option)
8-bit timer (TBU)


Số phần tương tự - ST7GEME4U1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Superworld Electronics
ST7-10 SUPERWORLD-ST7-10 Datasheet
110Kb / 1P
   POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST7-10B51 PULSE-ST7-10B51 Datasheet
159Kb / 1P
   Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST7-10B51 PULSE-ST7-10B51 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
logo
Superworld Electronics
ST7-12 SUPERWORLD-ST7-12 Datasheet
110Kb / 1P
   POWER TRANSFORMER
ST7-120 SUPERWORLD-ST7-120 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Mô tả tương tự - ST7GEME4U1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
   Full-speed USB MCU with smartcard interface
logo
ATMEL Corporation
AT83C22OK ATMEL-AT83C22OK Datasheet
30Kb / 4P
   Smart Card Interface Compliant with ISO 7816 and EMV 2000
logo
NXP Semiconductors
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220 NXP-PN7220_V01 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.1 - 20 September 2023
logo
STMicroelectronics
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
   Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
logo
PHOENIX CONTACT
1853243 PHOENIX-1853243 Datasheet
121Kb / 3P
   VC-AR4-EMV
logo
ERNI Electronics
DC0000078 ERNI-DC0000078 Datasheet
141Kb / 1P
   Federl.90.50p.BM SMD EMV Female 90.50c.BM SMD EMV
logo
PHOENIX CONTACT
1853227 PHOENIX-1853227 Datasheet
121Kb / 3P
   VC-AR2-EMV
1853230 PHOENIX-1853230 Datasheet
121Kb / 3P
   VC-AR3-EMV
logo
ERNI Electronics
DC0008036 ERNI-DC0008036 Datasheet
141Kb / 1P
   Federl.90.50p.BM SMD EMV Female 90.50c.BM SMD EMV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com