công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRFPS37N50APBF bảng dữ liệu(PDF) 2 Page - International Rectifier

tên linh kiện IRFPS37N50APBF
Giải thích chi tiết về linh kiện  HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRFPS37N50APBF bảng dữ liệu(HTML) 2 Page - International Rectifier

  IRFPS37N50APBF Datasheet HTML 1Page - International Rectifier IRFPS37N50APBF Datasheet HTML 2Page - International Rectifier IRFPS37N50APBF Datasheet HTML 3Page - International Rectifier IRFPS37N50APBF Datasheet HTML 4Page - International Rectifier IRFPS37N50APBF Datasheet HTML 5Page - International Rectifier IRFPS37N50APBF Datasheet HTML 6Page - International Rectifier IRFPS37N50APBF Datasheet HTML 7Page - International Rectifier IRFPS37N50APBF Datasheet HTML 8Page - International Rectifier IRFPS37N50APBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFPS37N50APbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
20
–––
–––
S
VDS = 50V, ID = 22A
Qg
Total Gate Charge
–––
–––
180
ID = 36A
Qgs
Gate-to-Source Charge
–––
–––
46
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
71
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
23
–––
VDD = 250V
tr
Rise Time
–––
98
–––
ID = 36A
td(off)
Turn-Off Delay Time
–––
52
–––
RG = 2.15Ω
tf
Fall Time
–––
80
–––
RD = 7.0Ω,See Fig. 10
„
Ciss
Input Capacitance
–––
5579 –––
VGS = 0V
Coss
Output Capacitance
–––
810
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
36
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
7905 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
221
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
400
–––
VGS = 0V, VDS = 0V to 400V
…
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
V
VGS = 0V, ID = 250µA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.13
VGS = 10V, ID = 22A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 500V, VGS = 0V
–––
–––
250
VDS = 400V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
1260
mJ
IAR
Avalanche Current

–––
36
A
EAR
Repetitive Avalanche Energy

–––
44
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 36A, VGS = 0V
„
trr
Reverse Recovery Time
–––
570
860
ns
TJ = 25°C, IF = 36A
Qrr
Reverse RecoveryCharge
–––
8.6
13
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
36
144
A
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.28
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance


Số phần tương tự - IRFPS37N50APBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
IRFPS37N50APBF VISHAY-IRFPS37N50APBF Datasheet
156Kb / 8P
   Power MOSFET
S-81368-Rev. B, 21-Jul-08
IRFPS37N50APBF VISHAY-IRFPS37N50APBF Datasheet
182Kb / 9P
   Power MOSFET
Rev. C, 07-Feb-11
More results

Mô tả tương tự - IRFPS37N50APBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
   HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
   HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
   SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com