công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145564P bảng dữ liệu(PDF) 8 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145564P
Giải thích chi tiết về linh kiện  PCM Codec-Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145564P bảng dữ liệu(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button MC145564P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145564P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145564P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145564P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145564P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145564P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145564P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145564P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145564P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ML145554, ML145557, ML145564, ML145567
LANSDALE Semiconductor, Inc.
ANALOG TRANSMISSION PERFORMANCE
(VCC = + 5 V
5%, VBB = – 5 V ± 5%, GNDA = 0 V, 0 dBm0 = 1.2276 Vrms = + 4 dBm @ 600 Ω, FSX = FSR = 8 kHz,
BCLKX = MCLKX = 2.048 MHz Synchronous Operation, VFXI – Connected to GSX, TA = – 40 to + 85°C Unless Otherwise Noted)
End–to–End
A/D
D/A
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Absolute Gain (0 dBm0 @ 1.02 kHz, TA = 25°C, VCC = 5 V, VBB = – 5 V)
–0.25
– 0.25
– 0.25
+ 0.25
dB
Absolute Gain Variation with Temperature
0 to 70
°C
– 40 to + 85
°C
± 0.03
± 0.06
± 0.03
± 0.06
dB
Absolute Gain Variation with Power Supply (VCC = 5 V, ± 5%,
VBB = – 5 V, 5%)
± 0.02
± 0.02
dB
Gain vs Level Tone (Relative to – 10 dBm0, 1.02 kHz)
+ 3 to – 40 dBm0
– 40 to – 50 dBm0
– 50 to – 55 dBm0
– 0.4
– 0.8
– 1.6
+ 0.4
+ 0.8
+ 1.6
– 0.2
– 0.4
– 0.8
+ 0.2
+ 0.4
+ 0.8
– 0.2
– 0.4
– 0.8
+ 0.2
+ 0.4
+ 0.8
dB
Gain vs Level Pseudo Noise CCITT G.712
– 10 to – 40 dBm0
(ML145557/67 A–Law Relative to – 10 dBm0)
– 40 to – 50 dBm0
– 50 to – 55 dBm0
– 0.25
– 0.30
– 0.45
+ 0.25
+ 0.30
+ 0.45
– 0.25
– 0.30
– 0.45
+ 0.25
+ 0.30
+ 0.45
dB
Total Distortion, 1.02 kHz Tone (C–Message)
+ 3 dBm0
0 to – 30 dBm0
– 40 dBm0
– 45 dBm0
– 55 dBm0
33
35
29
24
15
33
36
30
25
15
33
36
30
25
15
dBC
Total Distortion With Pseudo Noise CCITT G.714
– 3 dBm0
(ML145557/67 A–Law)
– 6 to – 27 dBm0
– 34 dBm0
– 40 dBm0
– 55 dBm0
27.5
35
33.1
28.2
13.2
28
35.5
33.5
28.5
13.5
28.5
36
34.2
30
15
dB
Idle Channel Noise (For End–End and A/D, Note 1)
(ML145554/64 Mu–Law, C–Message Weighted)
(ML145557/67 A–Law, Psophometric Weighted)
15
–70
15
– 70
7
– 83
dBrnC0
dBm0p
Frequency Response (Relative to 1.02 kHz @ 0 dBm0)
15 Hz
50 Hz
60 Hz
200 Hz
300 to 3000 Hz
3300 Hz
3400 Hz
4000 Hz
4600 Hz
– 0.3
– 0.70
– 1.6
– 40
– 30
– 26
0.3
+ 0.3
0
– 28
– 60
– 1.0
– 0.15
– 0.35
– 0.8
– 40
– 30
– 26
– 0.4
+ 0.15
+ 0.15
0
– 14
– 32
– 0.15
– 0.15
– 0.15
– 0.15
– 0.15
– 0.35
– 0.8
0
0
0
0
+ 0.15
+ 0.15
0
– 14
– 30
dB
In–Band Spurious
300 to 3000 Hz
(1.02 kHz @ 0 dBm0, Transmit and Receive)
–48
– 48
– 48
dBm0
Out–of–Band Spurious at VFRO (300 – 3400 Hz @ 0 dBm0 In)
4600 to 7600 Hz
7600 to 8400 Hz
8400 to 100,000 Hz
– 30
– 40
– 30
– 30
– 40
– 30
dB
Idle Channel Noise Selective (8 kHz, Input = GNDA, 30 Hz Bandwidth)
–70
– 70
dBm0
Absolute Delay (1600 Hz)
315
215
µs
Group Delay Referenced to 1600 Hz
500 to 600 Hz
600 to 800 Hz
800 to 1000 Hz
1000 to 1600 Hz
1600 to 2600 Hz
2600 to 2800 Hz
2800 to 3000 Hz
220
145
75
40
75
105
155
– 40
– 40
– 40
– 30
90
125
175
µs
Crosstalk of 1020 Hz @ 0 dBm0 from A/D or D/A (Note 2)
– 75
– 75
dB
Intermodulation Distortion of Two Frequencies of Amplitudes
– 4 to – 21 dBm0 from the Range 300 to 3400 Hz
– 41
– 41
– 41
dB
NOTES:
1. Extrapolated from a 1020 Hz @ – 50 dBm0 distortion measurement to correct for encoder enhancement.
2. Selectively measured while the A/D is stimulated with 2667 Hz @ – 50 dBm0.
www.lansdale.com
Page 8 of 18
Issue A


Số phần tương tự - MC145564P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145564P LANSDALE-MC145564P Datasheet
284Kb / 18P
   PCM Codec-Filter
More results

Mô tả tương tự - MC145564P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com