công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8820IBDB bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8820IBDB
Giải thích chi tiết về linh kiện  16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DAC8820IBDB bảng dữ liệu(HTML) 3 Page - Texas Instruments

  DAC8820IBDB Datasheet HTML 1Page - Texas Instruments DAC8820IBDB Datasheet HTML 2Page - Texas Instruments DAC8820IBDB Datasheet HTML 3Page - Texas Instruments DAC8820IBDB Datasheet HTML 4Page - Texas Instruments DAC8820IBDB Datasheet HTML 5Page - Texas Instruments DAC8820IBDB Datasheet HTML 6Page - Texas Instruments DAC8820IBDB Datasheet HTML 7Page - Texas Instruments DAC8820IBDB Datasheet HTML 8Page - Texas Instruments DAC8820IBDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8820
SBAS358C – AUGUST 2005 – REVISED JUNE 2006
All specifications at –40
°C to +85°C, V
DD = +2.7 V to +5.5 V, IOUT = virtual GND, GND = 0 V, VREF = 10 V, and TA = full
operating temperature, unless otherwise noted.
DAC8820
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
16
Bits
Relative accuracy
DAC8820IB
±2
LSB
Relative accuracy
DAC8820IC
±1
LSB
Differential nonlinearity
±0.5
±1
LSB
Output leakage current
Data = 0000h, TA = +25°C
5
nA
Output leakage current
Data = 0000h, TA = TMAX
10
nA
Full-scale gain error
Unipolar, data = FFFFh
2
±16
LSB
Bipolar, data = FFFFh
2
±16
LSB
Full-scale temperature coefficient
1
2
ppm/
°C
Bipolar zero scale error
TA = +25°C
±5
LSB
TA = TMAX
±8
LSB
PSRR
Power-supply rejection ratio; VDD = 5V ± 10%
±0.2
±2.0
LSB/V
OUTPUT CHARACTERISTICS(1)
Output current
1.66
mA
Output capacitance
Code dependent
50
pF
REFERENCE INPUT
VREF Range
–15
15
V
RREF
Input resistance (unipolar)
4.5
6
7.5
k
Input capacitance
5
pF
R1/R2
R1/R2 resistance (bipolar)
9
12
15
k
ROFS, RFB
Feedback and offset resistance
9
12
15
k
LOGIC INPUTS AND OUTPUT(1)
Input low voltage
VIL VDD = +2.7 V
0.6
V
VIL VDD = +5 V
0.8
V
Input high voltage
VIH VDD = +2.7 V
2.1
V
VIH VDD = +5 V
2.4
V
Input leakage current
IIL
0.001
1
µA
Input capacitance
CIL
8
pF
INTERFACE TIMING, VDD = +5.0V(1) (See Figure 40 and Table 1)
tDS Data to WR setup time
20
ns
tDH Data to WR hold time
0
ns
tWR WR pulse width
20
ns
tLDAC LDAC pulse width
20
ns
Data setup time
tRST RST pulse width
20
ns
Data hold time
tLWD WR to LDAC delay time
0
ns
INTERFACE TIMING, VDD = +2.7V(1) (See Figure 40 and Table 1)
tDS Data to WR setup time
35
ns
tDH Data to WR hold time
0
ns
tWR WR pulse width
35
ns
tLDAC LDAC pulse width
35
ns
Data setup time
tRST RST pulse width
35
ns
Data hold time
tLWD WR to LDAC delay time
0
ns
(1)
Specified by design and characterization; not production tested.
3
Submit Documentation Feedback


Số phần tương tự - DAC8820IBDB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QB BURR-BROWN-DAC8822QB Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

Mô tả tương tự - DAC8820IBDB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com