công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML145567 bảng dữ liệu(PDF) 7 Page - LANSDALE Semiconductor Inc. |
|
ML145567 bảng dữ liệu(HTML) 7 Page - LANSDALE Semiconductor Inc. |
7 / 18 page LANSDALE Semiconductor, Inc. ML145554, ML145557, ML145564, ML145567 ANALOG ELECTRICAL CHARACTERISTICS (VCC = + 5 V ± 5%, VBB = – 5 V ± 5%, VFXI – Connected to GSX, TA = – 40 to + 85°C) Characteristic Min Typ Max Unit Input Current (– 2.5 ≤ Vin ≤ + 2.5 V) VFXI+, VFXI– — ± 0.05 ± 0.2 µA AC Input Impedance to GNDA (1 kHz) VFXI+, VFXI– 10 20 — M Ω Input Capacitance VFXI+, VFXI– — — 10 pF Input Offset Voltage of GSX Op Amp VFXI+, VFXI– — — ± 25 mV Input Common Mode Voltage Range VFXI+, VFXI– – 2.5 — 2.5 V Input Common Mode Rejection Ratio VFXI+, VFXI– — 65 — dB Unity Gain Bandwidth of GSX Op Amp (Rload ≥ 10 kΩ) — 1000 — kHz DC Open Loop Gain of GSX Op Amp (Rload ≥ 10 kΩ) 75 — — dB Equivalent Input Noise (C–Message) Between VFXI+ and VFXI– at GSX — –20 — dBrnC0 Output Load Capacitance for GSX Op Amp 0 — 100 pF Output Voltage Range for GSX Rload = 10 kΩ to GNDA Rload = 600 Ω to GNDA – 3.5 – 2.8 — — + 3.5 + 2.8 V Output Current (– 2.8 V ≤ Vout ≤ + 2.8 V) GSX, VFRO ± 5.0 — — mA Output Impedance VFRO (0 to 3.4 kHz) — 1 — Ω Output Load Capacitance for VFRO 0 — 500 pF VFRO Output DC Offset Voltage Referenced to GNDA — — ± 100 mV Transmit Power Supply Rejection Positive, 0 to 100 kHz, C–Message Negative, 0 to 100 kHz, C–Message 45 45 — — — — dBC Receive Power Supply Rejection Positive, 0 to 100 kHz, C–Message Positive, 4 kHz to 25 kHz Positive, 25 kHz to 50 kHz Negative, 0 to 100 kHz, C–Message Negative, 4 kHz to 25 kHz Negative, 25 kHz to 50 kHz 50 50 43 50 45 38 — — — — — — — — — — — — dBC dB dB dBC dB dB ML145564/67 Power Drivers Input Current (– 1 V ≤ VPI ≤ + 1 V) VPI — ± 0.05 ± 0.5 µA Input Resistance (– 1 V ≤ VPI ≤ + 1 V) VPI 5 10 — M Ω Input Offset Voltage (VPI Connected to VPO–) VPI — — ± 50 mV Output Resistance, Inverted Unity Gain VPO+ or VPO– — 1 — Ω Unity Gain Bandwidth, Open Loop VPO– — 400 — kHz Load Capacitance ( ∞Ω ≥ Rload ≥ 300 Ω) VPO+ or VPO– to GNDA 0 — 1000 pF Gain from VPO– to VPO+ (Rload = 300 Ω, VPO+ to GNDA Level at VPO– = 1.77 Vrms, +3 dBm0) — –1 — V/V Maximum 0 dBm0 Level for Better than 0.1 dB Linearity Over the Rload = 600 Ω Range – 10 dBm0 to + 3 dBm0 (For Rload between VPO+ Rload = 1200 Ω and VPO–) Rload = 10 kΩ 3.3 3.5 4.0 — — — — — — Vrms Power Supply Rejection of VCC or VBB (VPO– Connected to VPI) 0 to 4 kHz VPO + or VPO – to GNDA 4 to 50 kHz 55 35 — — — — dB Differential Power Supply Rejection of VCC or VBB (VPO– Connected to VPI) VPO+ to VPO–, 0 to 50 kHz 50 — — dB www.lansdale.com Page 7 of 18 Issue A |
Số phần tương tự - ML145567 |
|
Mô tả tương tự - ML145567 |