công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STR711FR0T6 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
STR711FR0T6 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
4 / 77 page Introduction STR71xF 4/77 1 Introduction This datasheet provides the STR71x Ordering Information, Mechanical and Electrical Device Characteristics. For complete information on the STR710 Microcontroller memory, registers and peripherals. please refer to the STR710 Reference Manual. For information on programming, erasing and protection of the internal Flash memory please refer to the STR7 Flash Programming Reference Manual For information on the ARM7TDMI core please refer to the ARM7TDMI Technical Reference Manual 2 Device summary . Table 1. Device summary Features STR710 FZ1 STR710 FZ2 STR710 RZ STR711 FR0 STR711 FR1 STR711 FR2 STR712 FR0 STR712 FR1 STR712 FR2 STR715 FRx Flash - Kbytes 128+16 256+16 0 64+16 128+16 256+16 64+16 128+16 256+16 64+16 RAM - Kbytes 32 64 64 16 32 64 16 32 64 16 Peripheral Functions CAN, EMI, USB, 48 I/Os USB, 30 I/Os CAN, 32 I/Os 32 I/Os Operating Voltage 3.0 to 3.6V Operating Temp. -40 to +85°C or 0 to 70° C Packages T=LQFP144 20 x 20 H=LFBGA144 10 x10 T=LQFP64 10 x10 / H=LFBGA64 8 x 8 x 1.7 |
Số phần tương tự - STR711FR0T6 |
|
Mô tả tương tự - STR711FR0T6 |