công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145403DW bảng dữ liệu(PDF) 5 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145403DW
Giải thích chi tiết về linh kiện  Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145403DW bảng dữ liệu(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML145403DW Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145403DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145403DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145403DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145403DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145403DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145403DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145403DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.lansdale.com
Page 5 of 8
Issue A
PIN DESCRIPTIONS
VCC
Digital Power Supply
The digital supply pin, which is connected to the logic power
supply (+ 5.5 V maximum).
GND
Ground
Ground return pin is typically connected to the signal ground
pin of the EIA–232–E connector (Pin 7) as well as to the logic
power supply ground.
VDD
Most Positive Device Pin
The most positive power supply pin, which is typically + 5 to
+ 12 V.
VSS
Most Negative Device Pin
The most negative power supply pin, which is typically – 5 to – 12 V.
Rx1 – Rxn
Receive Data Input Pins
These are the EIA–232–E receive signal inputs. A voltage
between + 3 and + 25 V is decoded as a space, and causes the
corresponding DO pin to swing to ground (0 V). A voltage
between – 3 and – 25 V is decoded as a mark, and causes the
corresponding DO pin to swing to VCC.
DO1 – DOn
Data Output Pins
These are the receiver digital output pins which swing
fromVCC to GND. Each output pin is capable of driving one
LSTTL input load.
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408
Figure 1. Power–Off Source Resistance
Illustrated for ML145408
DI5
14
124
11
VDD
16
18
20
22
9
3
5
7
13
12
GND
VDD VCC
DI4
DI3
DI2
DI1
Tx5
Tx4
Tx3
Tx2
Tx1
Vin = ± 2 V
Rout
V
in
I
Figure 2. Switching Characteristics
50%
DI
+ 3 V
0 V
tf
10%
90%
tr
tPHL
tPLH
VOL
VOH
Tx
DRIVERS
50%
Rx
+ 3 V
0 V
tf
10%
90%
tr
tPHL
tPLH
VOL
VOH
DO
RECEIVERS
Figure 3. Slew Rate Characteristics
Tx
+3 V
tSHL
DRIVERS
+3 V
tSLH
– 3 V
–3 V
Slew Rate =
6 V
tSLH or tSHL


Số phần tương tự - ML145403DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results

Mô tả tương tự - ML145403DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
Integral Corp.
IN145403 INTEGRAL-IN145403 Datasheet
144Kb / 3P
   DRIVERS/RECEIVERS RS-232-E
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Texas Instruments
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com