công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145170 bảng dữ liệu(PDF) 3 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145170
Giải thích chi tiết về linh kiện  Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145170 bảng dữ liệu(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML145170 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LANSDALE Semiconductor, Inc.
ML145170
www.lansdale.com
Page 3 of 26
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS. TA = –40° to 85°C)
Parameter
Test Condition
Symbol
VDD
V
Guaranteed
Limit
Unti
Power Supply Voltage Range
VDD
2.7 to 5.5
V
Maximum Low-Level Input Voltage [Note 1]
(Din, CLK, ENB, fin)
DC Coupling to fin
V
2.7
4.5
5.5
0.54
1.35
1.65
V
(Din, CLK, ENB, fin)
DC Coupling to fin
VIH
2.7
4.5
5.5
2.16
3.15
3.85
Minimum Hysteresis Voltage (CLK, ENB)
VHys
2.7
5.5
0.15
0.20
(Any Output)
Iout = 20 µA
VOL
2.7
5.5
0.1
0.1
(Any Output)
Iout = –20 µA
VOH
2.7
5.5
2.6
5.4
Minimum Low-Level output Current
(PDout, REFout, fR, fV, LD, φR, φV)
Vout = 0.3 V
Vout = 0.4 V
Vout = 0.5 V
IOL
2.7
4.5
5.5
0.12
0.36
0.36
mA
Minimum High-Level Output Current
(PDout, REFout, fR, fV, LD, φR, φV)
Vout = 2.4 V
Vout = 4.1 V
Vout = 5.0 V
IOH
2.7
4.5
5.5
-0.12
-0.36
-0.36
mA
Minimum Low-Level Output Current
(Dout)
Vout = 0.4 V
IOL
4.5
1.6
mA
Maximum High-Level Output Current
(Dout)
Vout = 4.1 V
IOH
4.5
-1.6
mA
Maximum Input Leakage Current
(Din, CLK, ENB, OSCin)
Vin = VDD or VSS
Iin
5.5
±1.0
µA
Maximum Input Current
(fin)
Vin = VDD or VSS
Iin
5.5
±150
µA
Maximum Output Leakage Current
(PDout) Vin = VDD or VSS.
Output in High-Impedance State
IOZ
5.5
±100
(Dout)
5.5
±5.0
µA
Maximum Quieschent Supply Current
Vin = VDD or VSS: Outputs Open;
Excluding fin Amp Input Current Component
IDD
5.5
100
µA
Maximum Operating Supply Current
fin = 500 mVpp;
OSCin = 1.0 MHz @ 1.0 Vpp;
LD, fR, fV, REFout = Inactive and No Connect;
OSCout, φV, φR, PDout = No Connect;
Din, ENB, CLK = VDD or VSS
Idd
[Note 2]
mA
NOTES: 1. When DC coupling to the OSCin pin is used, the pin must be driven rail–to–rail, In this case, OSCout should be floated.
2. The nominal values at 3.0 V are 0.6 mA @ 30 MHz, and 1.5 mA @ 100 MHz. The nominal values at 5.0 V are 3.0 mA @ 50 MHz, and 5.8 mA
@ 185 MHz. These are not guaranteed limits.
IL
Minimum High-Level Input Voltage [Note 1]
v
v
v
v
nA
Maximum Low-Level Output Voltage
Minimum high-Level Output Voltage
Issue A


Số phần tương tự - ML145170

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
ML145106 LANSDALE-ML145106 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
ML145106-6P LANSDALE-ML145106-6P Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
ML145106-6P LANSDALE-ML145106-6P Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
ML145106VP LANSDALE-ML145106VP Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
More results

Mô tả tương tự - ML145170

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com