công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML145028-5P bảng dữ liệu(PDF) 1 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML145028-5P
Giải thích chi tiết về linh kiện  Encoder and Decoder Pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145028-5P bảng dữ liệu(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145028-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145028-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145028-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145028-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145028-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145028-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145028-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145028-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145028-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.lansdale.com
Page 1 of 19
Issue 0
ML145026
ML145027
ML145028
Encoder and Decoder Pairs
Legacy Device: Motorola/Freescale MC145026, MC145027, MC145028
These devices are designed to be used as encoder/decoder pairs in remote
control applications.
The ML145026 encodes nine lines of information and serially sends this
information upon receipt of a transmit enable (TE) signal. The nine lines
may be encoded with trinary data (low, high, or open) or binary data (low
or high). The words are transmitted twice per encoding sequence to
increase security.
The ML145027 decoder receives the serial stream and interprets five of
the trinary digits as an address code. Thus, 243 addresses are possible. If
binary data is used at the encoder, 32 addresses are possible. The remaining
serial information is interpreted as four bits of binary data. The valid trans-
mission (VT) output goes high on the ML145027 when two conditions are
met. First, two addresses must be consecutively received (in one encoding
sequence) which both match the local address. Second, the 4 bits of data
must match the last valid data received. The active VT indicates that the
information at the Data output pins has been updated.
The ML145028 decoder treats all nine trinary digits as an address which
allows 19,683 codes. If binary data is encoded, 512 codes are possible. The
VT output goes high on the ML145028 when two addresses are consecu-
tively received (in one encoding sequence) which both match the local
address.
• Operating Temperature Range: TA = – 40 to + 85°C
• Very–Low Standby Current for the Encoder: 300 nA Maximum @ 25°C
• Interfaces with RF, Ultrasonic, or Infrared Modulators and Demodulators
• RC Oscillator, No Crystal Required
• High External Component Tolerance; Can Use ± 5% Components
• Internal Power–On Reset Forces All Decoder Outputs Low
• Operating Voltage Range: ML145026 = 2.5 to 18 V*
ML145027, ML145028 = 4.5 to 18 V
• For Infrared Applications, See Application Note AN1016/D
PIN ASSIGNMENTS
ML145026
ENCODER
ML145028
DECODERS
ML145027
DECODERS
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
CTC
RTC
TE
Dout
VDD
A8/D8
A9/D9
RS
A4
A3
A2
A1
VSS
A7/D7
A6/D6
A5
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
D9
D8
D7
D6
VDD
Din
R2/C2
VT
A4
A3
A2
A1
VSS
C1
R1
A5
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
A9
A8
A7
A6
VDD
Din
R2/C2
VT
A4
A3
A2
A1
VSS
C1
R1
A5
P DIP 16 = EP
PLASTIC DIP
CASE 648
SO 16 = -5P
SOG PACKAGE
CASE 751B
SO 16W = -
5P
SOG PACKAGE
CASE 751G
16
1
16
1
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC145026P
ML145026EP
SO 16
MC145026D
ML145026-5P
P DIP 16
MC145027P
ML145027EP
SO 16
MC145027DW
ML145027-5P
P DIP 16
MC145028P
ML145028EP
SO 16
MC145028DW
ML145028-
5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
CMOS


Số phần tương tự - ML145028-5P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040-6P LANSDALE-ML145040-6P Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040-6P LANSDALE-ML145040-6P Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040RP LANSDALE-ML145040RP Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
More results

Mô tả tương tự - ML145028-5P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com