công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145106P bảng dữ liệu(PDF) 4 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145106P
Giải thích chi tiết về linh kiện  PLL Frequency Synthesizer CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145106P bảng dữ liệu(HTML) 4 Page - LANSDALE Semiconductor Inc.

  MC145106P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.lansdale.com
Page 4 of 8
LANSDALE Semiconductor, Inc.
ML145106
TYPICAL CHARACTERISTICS*
* Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC's potential performance.
OSCin, MAXIMUM FREQUENCY (MHz)
fin, MAXIMUM FREQUENCY (MHz)
50
40
30
20
10
0
0
5.0
10
15
20
25
+ 85
°C
– 40
°C
+ 25
°C
50
40
30
20
10
0
0
5.0
10
15
20
25
+ 85
°C
– 40
°C
+ 25
°C
Figure 1. Maximum Divider Input Frequency
versus Supply Voltage
Figure 2. Maximum Oscillator Input Frequency
versus Supply Voltage
PIN DESCRIPTIONS
P0 – P8
Programmable Inputs (PDIP – Pins 17 – 9; SOG – Pins 19,
17 – 14, 12 – 9)
Programmable divider inputs (binary).
fin
Frequency Input (PDIP, SOG – Pin 2)
Frequency input to programmable divider (derived
fromVCO).
OSCin, OSCout
Oscillator Input and Oscillator Output (PDIP, SOG –
Pins 3, 4)
Oscillator/amplifier input and output terminals.
LD
Lock Detector (PDIP, SOG – Pin 8)
LD is high when loop is locked, pulses low when
out–of–lock.
φDetout (PDIP, SOG – Pin 7)
Signal for control of external VCO, output high when fin/N
is less than the reference frequency; output low when fin/N is
greater than the reference frequency. Reference frequency is
the divided down oscillator–input frequency typically 5.0 or 10
kHz.
NOTE
Phase Detector Gain = VDD/4
π.
FS
Reference Oscillator Frequency Division Select (PDIP,SOG
– Pin 6)
When using 10.24 MHz OSC frequency, this control selects
10 kHz, a “0” selects 5.0 kHz.
÷2out (PDIP, SOG – Pin 5)
Reference OSC frequency divided by 2 output; when using
10.24 MHz OSC frequency, this output is 5.12 MHz for fre-
quency tripling applications.
VDD
Positive Power Supply (PDIP, SOG – Pin 1)
VSS
Ground (PDIP – Pin 18, SOG – Pin 20)
TRUTH TABLE
Selection
P8
P7
P6
P5
P4
P3
P2
P1
P0
Divide by N
0
0
0
0
0
0
0
0
0
2*
0
0
0
0
0
0
0
0
1
3*
0
0
0
0
0
0
0
1
0
2
0
0
0
0
0
0
0
1
1
3
0
0
0
0
0
0
1
0
0
•••••••••
4
•••••••••
•••••••••
•••••••••
•••••••••
•••••••••
0
1
1
1
1
1
1
1
1
255
1
1
1
1
1
1
1
1
1
511
1: Voltage level = VDD.
0: Voltage level = 0 or open circuit input.
* The binary setting of 00000000 and 00000001 on P8 to P0 results
in a 2 and 3 division which is not in the 2N – 1 sequence. When pin
is not connected the logic signal on that pin can be treated as a “0”.
Issue b


Số phần tương tự - MC145106P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145106P MOTOROLA-MC145106P Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
LANSDALE Semiconductor ...
MC145106P LANSDALE-MC145106P Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results

Mô tả tương tự - MC145106P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com