công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145040DW bảng dữ liệu(PDF) 9 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145040DW
Giải thích chi tiết về linh kiện  8-Bit A/D Converters With Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145040DW bảng dữ liệu(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button MC145040DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145040DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145040DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145040DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145040DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145040DW Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145040DW Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145040DW Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145040DW Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.lansdale.com
Page 9 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML145040, ML145041
DESCRIPTION
This example application of the ML145040/ML145041
ADCs interfaces three controllers to a microprocessor and
processes data in real–time for a video game. The standard joy-
stick X–axis (left/right) and Y–axis (up/down) controls as well
as engine thrust controls are accommodated
Figure 13 illustrates how the ML145040/ML145041 is used
as a cost–effective means to simplify this type of circuit
design. Utilizing one ADC, three controllers are interfaced to a
CMOS or NMOS microprocessor with a serial peripheral inter-
face (SP) port. Processors with National Semiconductor’s
MICROWIRE serial port may also be used. Full duplex opera-
tion optimizes throughput for this system.
DIGITAL DESIGN CONSIDERATIONS
Motorola’s MC68HC05C4 CMOS MCU may be chosen to
reduce power supply size and cost. The NMOS MCUs may be
used if power consumption is not critical. A VDD to VSS 0.1
µF bypass capacitor should be closely mounted to the ADC.
Both the ML145040 and ML145041 will accommodate all
the analog system inputs. The ML145040, when used with a 2
MHz MCU, takes 24
µs to sample the analog input, perform
the conversion, and transfer the serial data at 1 MHz.
Thirty–two A/D Clock cycles (2 MHz at input pin 19) must be
provided and counted by the MCU after the eighth SCLK
before reading the ADC results. The ML145041 has the
end–of–conversion (EOC) signal (at output pin 19) to define
when data is ready, but has a slower 40
µs cycle time.
However, the 40
µs is constant for serial data rates of 1 MHz
independent of the MCU clock frequency. Therefore, the
ML145041 may be used with CMOS MCU operating at the
reduced clock rates to minimize power consumption without
sacrificing ADS cycle times, with EOC being used to generate
an interrupt. The ML145041 may also be used with MCU’s
which do not provide a system clock.)
ANALOG DESIGN CONSIDERATIONS
Controllers with output impedances of less than 10 kilohms
may be direcly interfaced to these ADCs, eliminating the need
for buffer amplifiers. Separate lines connect the Vref and VAG
pins on the ADC with the controllers to provide isolation from
system noise.
Although not indicated in Figure 13, the Vref and controller
ouput lines may need to be shielded, depending on their length
and electrical environment. This should be verified during pro-
totyping with an oscilloscope. If shielding is required, a twist-
ed pair or foil–shielded wire (not coax) is appropriate for this
low frequency application. One wire of the pair of the shield
must be VAG.
A reference circuit voltage of 5 volts is used for this applica-
tion. The reference circuitry may be as simple as tying VAG to
system ground and Vref to the system’s positive supply. (See
Figure 14.) However, the system power supply noise may
require that a seperate supply be used for the voltage reference.
This supply must provide source current for Vref as well as
current for the controller potentionmeters.
A bypass capacitor across the Vref and VAG pins is recom-
mended. These pins are adjacent on the ADC package which
facilitates mounting the capacitor very close to the ADC.
SOFTWARE CONSIDERATIONS
The software flow for acquisition is straightforward. The
nine analog inputs, AN0 through AN8, are scanned by read-
ing the analog value of the previously addressed channel into
the MCU and sending the address of the next channel to to be
read to the ADC, simultaneously. All nine inputs may be
scanned in a minimum of 216
µs (ML145040) or 360 µs
(ML145041).
If the design in realized using the ML145040, 32 A/D clock
cycles (at pin 19) must be counted by the MCU to allow time
for A/D conversion. The designer utilizing the ML145041 has
the end–of–conversion signal (at pin 19) to define the conver-
sion interval. EOC may be used to generated an interrupt,
which is serviced by reading the serial data from the ADC. The
software flow should then process and format the data, and
transfer the information to the video circuitry for updating the
display.
Legacy Applications Information


Số phần tương tự - MC145040DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
MC145040DW LANSDALE-MC145040DW Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
More results

Mô tả tương tự - MC145040DW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
logo
Motorola, Inc
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
logo
Microchip Technology
MCP3004 MICROCHIP-MCP3004_08 Datasheet
777Kb / 40P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI Serial Interface
2008
MCP3204 MICROCHIP-MCP3204 Datasheet
425Kb / 20P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
1999
MCP3204 MICROCHIP-MCP3204_07 Datasheet
616Kb / 34P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI??Serial Interface
2007
MCP3204 MICROCHIP-MCP3204_08 Datasheet
753Kb / 40P
   2.7V 4-Channel/8-Channel 12-Bit A/D Converters with SPI Serial Interface
2008
MCP3004 MICROCHIP-MCP3004_07 Datasheet
596Kb / 34P
   2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPI??Serial Interface
2007
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com