công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145026D bảng dữ liệu(PDF) 5 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC145026D
Giải thích chi tiết về linh kiện  Encoder and Decoder Pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145026D bảng dữ liệu(HTML) 5 Page - LANSDALE Semiconductor Inc.

  MC145026D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145026D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145026D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145026D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145026D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145026D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145026D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145026D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145026D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.lansdale.com
Page 5 of 19
Issue 0
LANSDALE Semiconductor, Inc.
ML145026, ML145027, ML145028
ELECTRICAL CHARACTERISTICS — ML145026 (Voltage Referenced to VSS)
Guaranteed Limit
VDD
– 40
°C
25
°C
85
°C
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VOL
Low–Level Output Voltage
(Vin = 0 V or VDD)
2.5
0.05
0.05
0.05
V
VOH
High–Level Output Voltage
(Vin = 0 V or VDD)
2.5
2.45
2.45
2.45
V
VIL
Low–Level Input Voltage
(Vout = 0.5 V or 2.0 V)
2.5
0.3
0.3
0.3
V
VIH
High–Level Input Voltage
(Vout = 0.5 V or 2.0 V)
2.5
2.2
2.2
2.2
V
IOH
High–Level Output Current
(Vout = 1.25 V)
2.5
0.28
0.25
0.2
mA
IOL
Low–Level Output Current
(Vout = 0.4 V)
2.5
0.22
0.2
0.16
mA
Iin
Input Current (TE — Pull–Up Device)
2.5
0.09
1.8
µA
Iin
Input Current (A1–A5, A6/D6–A9/D9)
2.5
± 25
µA
IDD
Quiescent Current
2.5
0.05
µA
Idd
Dynamic Supply Current (fc = 20 kHz)
2.5
40
µA
SWITCHING CHARACTERISTICS — ML145026*, ML145027, and ML145028 (CL = 50 pF, TA = 25°C)
Figure
Guaranteed Limit
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH, tTHL
Output Transition Time
4,8
5.0
10
15
200
100
80
ns
tr
Din Rise Time — Decoders
5
5.0
10
15
15
15
15
µs
tf
Din Fall Time — Decoders
5
5.0
10
15
15
5.0
4.0
µs
fosc
Encoder Clock Frequency
6
5.0
10
15
0.001
0.001
0.001
2.0
5.0
10
MHz
f
Decoder Frequency — Referenced to Encoder Clock
12
5.0
10
15
1.0
1.0
1.0
240
410
450
kHz
tw
TE Pulse Width — Encoders
7
5.0
10
15
65
30
20
ns
*Also see next Switching Characteristics table for 2.5 V specifications.
SWITCHING CHARACTERISTICS — ML145026 (CL = 50 pF, TA = 25°C)
Figure
Guaranteed Limit
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH, tTHL
Output Transition Time
4, 8
2.5
450
ns
fosc
Encoder Clock Frequency
6
2.5
1.0
250
kHz
tw
TE Pulse Width
7
2.5
1.5
µs


Số phần tương tự - MC145026D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145026D MOTOROLA-MC145026D Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026D FREESCALE-MC145026D Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
MC145026D FREESCALE-MC145026D Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Mô tả tương tự - MC145026D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com