công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC144111P bảng dữ liệu(PDF) 8 Page - LANSDALE Semiconductor Inc. |
|
MC144111P bảng dữ liệu(HTML) 8 Page - LANSDALE Semiconductor Inc. |
8 / 8 page www.lansdale.com Page 8 of 8 LANSDALE Semiconductor, Inc. ML144110, ML144111 P DIP 14 = CP OUTLINE DIMENSIONS (ML144111CP) PLASTIC DIP CASE 646–06 NOTES: 1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. 17 14 8 B A F HG D K C N L J M SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.715 0.770 18.16 19.56 B 0.240 0.260 6.10 6.60 C 0.145 0.185 3.69 4.69 D 0.015 0.021 0.38 0.53 F 0.040 0.070 1.02 1.78 G 0.100 BSC 2.54 BSC H 0.052 0.095 1.32 2.41 J 0.008 0.015 0.20 0.38 K 0.115 0.135 2.92 3.43 L 0.300 BSC 7.62 BSC M 0 10 0 10 N 0.015 0.039 0.39 1.01 SO 16W = -5P (ML144111-5P) SOG PACKAGE CASE 751G–02 DIM MIN MAX MIN MAX INCHES MILLIMETERS A 10.15 10.45 0.400 0.411 B 7.40 7.60 0.292 0.299 C 2.35 2.65 0.093 0.104 D 0.35 0.49 0.014 0.019 F 0.50 0.90 0.020 0.035 G 1.27 BSC 0.050 BSC J 0.25 0.32 0.010 0.012 K 0.10 0.25 0.004 0.009 M 0 7 0 7 P 10.05 10.55 0.395 0.415 R 0.25 0.75 0.010 0.029 M B M 0.010 (0.25) NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. –A– –B– P 8X G 14X D 16X SEATING PLANE –T– S A M 0.010 (0.25) B S T 16 9 8 1 F J R X 45 M C K Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabil- ity, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the cus- tomer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc. Issue A |
Số phần tương tự - MC144111P |
|
Mô tả tương tự - MC144111P |