công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC144111P bảng dữ liệu(PDF) 3 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC144111P
Giải thích chi tiết về linh kiện  Digital-to-Analog Converters with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC144111P bảng dữ liệu(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC144111P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC144111P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC144111P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC144111P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC144111P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC144111P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC144111P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC144111P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.lansdale.com
Page 3 of 8
LANSDALE Semiconductor, Inc.
ML144110, ML144111
MAXIMUM RATINGS* (Voltages referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to + 18
V
Input Voltage, All Inputs
Vin
– 0.5 to VDD + 0.5
V
DC Input Current, per Pin
I
± 10
mA
Power Dissipation (Per Output)
TA = 70°C, MC144110
MC144111
TA = 85°C, MC144110
MC144111
POH
30
50
10
20
mW
Power Dissipation (Per Package)
TA = 70°C, MC144110
MC144111
TA = 85°C, MC144110
MC144111
PD
100
150
25
50
mW
Storage Temperature Range
Tstg
– 65 to + 150
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
ELECTRICAL CHARACTERISTICS (Voltages referenced to VSS, TA = 0 to 85°C unless otherwise indicated)
Symbol
Parameter
Test Conditions
VDD
Min
Max
Unit
VIH
High–Level Input Voltage (Din, ENB, CLK)
5
10
15
3.0
3.5
4
V
VIL
Low–Level Input Voltage (Din, ENB, CLK)
5
10
15
0.8
0.8
0.8
V
IOH
High–Level Output Current (Dout)
Vout = VDD – 0.5 V
5
– 200
µA
IOL
Low–Level Output Current (Dout)
Vout = 0.5 V
5
200
µA
IDD
Quiescent Supply Current
ML144110
ML144111
Iout = 0 µA
15
15
12
8
mA
Iin
Input Leakage Current (Din, ENB, CLK)
Vin = VDD or 0 V
15
± 1
µA
Vnonl
Nonlinearity Voltage (Rn Out)
See Figure 1
5
10
15
100
200
300
mV
Vstep
Step Size (Rn Out)
See Figure 2
5
10
15
19
39
58
137
274
411
mV
Voffset
Offset Voltage from VSS
Din = $00, See Figure 1
1
LSB
IE
Emitter Leakage Current
VRn Out = 0 V
15
10
µA
hFE
DC Current Gain
IE = 0.1 to 10.0 mA
TA = 25°C
40
VBE
Base–to–Emitter Voltage Drop
IE = 1.0 mA
0.4
0.7
V
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields; however, it is ad-
vised that precautions be taken to avoid
application of voltage higher than maximum
rated voltages to this high–impedance circuit.
For proper operation it is recommended that
Vin and Vout be constrained to the range VSS ≤
(Vin or Vout) ≤VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD).
Issue A


Số phần tương tự - MC144111P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC144111P FREESCALE-MC144111P Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
LANSDALE Semiconductor ...
MC144111P LANSDALE-MC144111P Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Mô tả tương tự - MC144111P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com