công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14469P bảng dữ liệu(PDF) 3 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC14469P
Giải thích chi tiết về linh kiện  Addressable Asynchronous Receiver/Transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC14469P bảng dữ liệu(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC14469P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC14469P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.lansdale.com
Page 3 of 10
Issue 0
LANSDALE Semiconductor, Inc.
ML14469
MAXIMUM RATINGS (Voltages referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to + 18
V
Input Voltage, All Inputs
Vin
– 0.5 to VDD + 0.5
V
DC Current Drain per Pin
I
10
mA
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (Voltages referenced to VSS)
– 40
°C
25
°C
85
°C
Characteristic
Symbol
VDD
Min
Max
Min
Max
Min
Max
Unit
Output Voltage
Vin =VDD or 0
“0” Level
VOL
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
Vin = 0 or VDD
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
Input Voltage (Except OSC1)
VO = 4.5 or 0.5 V
“0” Level
VO = 9.0 or 1.0 V
VO = 13.5 or 1.5 V
VIL
5.0
10
15
1.5
3.0
4.0
1.5
3.0
4.0
1.5
3.0
4.0
V
VO = 0.5 or 4.5 V
“1” Level
VO = 1.0 or 9.0 V
VO = 1.5 or 13.5 V
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
3.5
7.0
11
V
Output Drive Current (Except OSC2)
VOH = 2.5 V
Source
VOH = 4.6 V
VOH = 9.5 V
VOH = 13.5 V
IOH
5.0
5.0
10
15
– 1.0
– 0.2
– 0.5
– 1.4
– 0.8
– 0.16
– 0.4
– 1.2
– 0.6
– 0.12
– 0.3
– 1.0
mA
VOL = 0.4 V
Sink
VOL = 0.5 V
VOL = 1.5 V
IOL
5.0
10
15
0.52
1.3
3.6
0.44
1.1
3.0
0.36
0.9
2.4
mA
Output Drive Current (OSC2 Only)
VOH = 2.5 V
Source
VOH = 4.6 V
VOH = 9.5 V
VOH = 13.5 V
IOH
5.0
5.0
10
15
– 0.19
– 0.04
– 0.09
– 0.29
– 0.16
– 0.035
– 0.08
– 0.27
– 0.13
– 0.03
– 0.06
– 0.2
mA
VOL = 0.4 V
Sink
VOL = 0.5 V
VOL = 1.5 V
IOL
5.0
10
15
0.1
0.17
0.5
0.085
0.14
0.42
0.07
0.1
0.3
mA
OSC Frequency*
fOSC
4.5
12
0
0
400
800
0
0
365
730
0
0
310
620
kHz
Input Current
Iin
15
± 0.3
± 0.3
± 1.0
µA
Pull–Up Current (A0 – A6, ID0 – ID7)
IUP
15
12
120
10
100
8.0
85
µA
Input Capacitance (Vin = 0)
Cin
7.5
pF
Quiescent Current (Per Package)
IDD
5.0
10
15
75
150
300
75
150
300
565
1125
2250
µA
Supply Voltage
VDD
+ 4.5
+ 18
+ 4.5
+ 18
+ 4.5
+ 18
V
* 310 kHz at 85
°C guarantees 4800 baud; 620 kHz at 85°C guarantees 9600 baud.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid application
of any voltage higher than maximum rated
voltages to this high–impedance circuit. For
proper operation it is recommended that Vin and
Vout be constrained to the range VSS ≤ (Vin or
Vout) ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD).


Số phần tương tự - MC14469P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14469P MOTOROLA-MC14469P Datasheet
119Kb / 12P
   ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
LANSDALE Semiconductor ...
MC14469P LANSDALE-MC14469P Datasheet
243Kb / 10P
   Addressable Asynchronous Receiver
More results

Mô tả tương tự - MC14469P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14469 MOTOROLA-MC14469 Datasheet
119Kb / 12P
   ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469_08 Datasheet
243Kb / 10P
   Addressable Asynchronous Receiver
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
[Old version datasheet]   Universal Asynchronous Receiver/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com