công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13175D bảng dữ liệu(PDF) 11 Page - LANSDALE Semiconductor Inc.

tên linh kiện MC13175D
Giải thích chi tiết về linh kiện  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13175D bảng dữ liệu(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button MC13175D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 14Page - LANSDALE Semiconductor Inc. MC13175D Datasheet HTML 15Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LANSDALE Semiconductor, Inc.
ML13175/ML13176
REFERENCE CRYSTAL OSCILLATOR
(Pins 8 and 9)
Selection of Proper Crystal: A crystal can operate in a num-
ber of mechanical modes. The lowest resonant frequency
mode is its fundamental while higher order modes are called
overtones. At each mechanical resonance, a crystal behaves
like a RLC series–tuned circuit having a large inductor and a
high Q. The inductor Ls is series resonance with a dynamic
capacitor, Cs determined by the elasticity of the crystal lattice
and a series resistance Rs, which accounts for the power dissi-
pated in heating the crystal. This series RLC circuit is in par-
allel with a static capacitance, Cp which is created by the
crystal block and by the metal plates and leads that make con-
tact with it.
Figure 20 is the equivalent circuit for a crystal in a signal res-
onant mode. It is assumed that other modes of resonance are
so far off frequency that their effects are negligible.
Series resonant frequency, fs is given by;
fs = 1/2π(LsCs)1/2
and parallel resonant frequency, fp is given by;
fp = fs(1 + Cs/Cp)1/2
the frequency separation at resonance is given by;
∆f = fp–fs = fs[1 – (1+ Cs/Cp)1/2]
Usually fp is less than 1% higher than fs, and a crystal
exhibits an extremely wide variation of the reactance with
frequency between fp and fs. A crystal oscillator circuit is
very stable with frequency. This high rate of change of
impedance with frequency stabilizes the oscillator, because
any significant change in oscillator frequency will cause a
large phase shift in the feedback loop keeping the oscillator
on frequency.
Legacy Applications Information
Figure 20. Crystal Equivalent Circuit
C3
R3
L3
Cp
www.lansdale.com
Page 11 of 16
Issue c


Số phần tương tự - MC13175D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13175D MOTOROLA-MC13175D Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
MC13175D LANSDALE-MC13175D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Mô tả tương tự - MC13175D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com