công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML13176 bảng dữ liệu(PDF) 4 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML13176
Giải thích chi tiết về linh kiện  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13176 bảng dữ liệu(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML13176 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ML13175/ML13176
LANSDALE Semiconductor, Inc.
PIN FUNCTION DESCRIPTIONS
Pin
Symbol
Internal Equivalent
Circuit
Description/External
Circuit Requirements
8
Xtale
VCC
9
Xtalb
12k
8.0k
Crystal Oscillator Inputs
The internal reference oscillator is configured as a common
emitter Colpitts. It may be operated with either a fundamental
or overtone crystal depending on the carrier frequency and the
internal prescaler. Crystal oscillator circuits and specifications
of crystals are discussed in detail in the applications section.
9
Xtalb
Xtale
8
9
4.0k
With VCC = 3.0 Vdc, the voltage at Pin 8 is approximately 1.8
Vdc and at Pin 9 is approximately 2.3 Vdc. 500 to 1000 mVp–p
should be present at Pin 9. The Colpitts is biased at 200
µA;
additional drive may be acquired by increasing the bias to
approximately 500
µA. Use 6.2 k from Pin 8 to ground.
10
Reg. Gnd
VCC
5.0p
Reg
Regulator Ground
An additional ground pin is provided to enhance the stability of
the system. Decoupling to the VCC (RF ground) is essential; it
should be done at the ground return for Pin 10.
11
Enable
Reg. Gnd
10
Subcon
Enable
11
p
8.0k
2.4k
Device Enable
The potential at Pin 11 is approximately 1.25 Vdc. When Pin 11
is open, the transmitter is disabled in a power down mode and
draws less than 1.0
µA ICC if the MOD at Pin 16 is also open
(i.e., it has no current driving it). To enable the transmitter a
current source of 10
µA to 90 µA is provided. Figures 3 and 4
show the relationship between ICC, VCC and Ireg. enable. Note
that ICC is flat at approximately 10 mA for Ireg. enable = 5.0 to
100
µA (Imod = 0).
12
VCC
VCC
VCC
12
Supply Voltage (VCC)
The operating supply voltage range is from 1.8 Vdc to 5.0 Vdc.
In the PCB layout, the VCC trace must be kept as wide as
possible to minimize inductive reactances along the trace; it is
best to have it completely fill around the surface mount
components and traces on the circuit side of the PCB.
13 & 14
Out 1 and
Out 2
VCC
16
14
13
Differential Output
The output is configured differentially to easily drive a loop
antenna. By using a transformer or balun, as shown in the
application schematic, the device may then drive an unbalanced
low impedance load. Figure 6 shows how much the Output
Power and Free–Running Oscillator Frequency change with
temperature at 3.0 Vdc; Imod = 2.0 mA.
15
Out_Gnd
Imod
Out 2
Out 1
16
14
13
Output Ground
This additional ground pin provides direct access for the output
ground to the circuit board VEE.
16
Imod
Out_Gnd
15
AM Modulation/Power Output Level
The DC voltage at this pin is 0.8 Vdc with the current source
active. An external resistor is chosen to provide a source
current of 1.0 to 3.0 mA, depending on the desired output power
level at a given VCC. Figure 23 shows the relationship of Power
Output to Modulation Current, Imod. At VCC = 3.0 Vdc, 3.5 dBm
power output can be acquired with about 35 mA ICC.
For FM modulation, Pin 16 is used to set the desired output
power level as described above.
For AM modulation, the modulation signal must ride on a
positive DC bias offset which sets a static (modulation off)
modulation current. External circuitry for various schemes is
further discussed in the Applications Information section.
www.lansdale.com
Page 4 of 16
Issue c


Số phần tương tự - ML13176

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13176 LANSDALE-ML13176 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13176-5P LANSDALE-ML13176-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Mô tả tương tự - ML13176

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com