công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML13155 bảng dữ liệu(PDF) 3 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML13155
Giải thích chi tiết về linh kiện  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13155 bảng dữ liệu(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML13155 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13155 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.lansdale.com
Page 3 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
The ML13155 consists of a wideband three–stage limiting
amplifier, a wideband quadrature detector which may be
operated up to 200 MHz, and a received signal strength
indicator (RSSI) circuit which provides a current output lin-
early proportional to the IF input signal level for approxi-
mately 35 dB range of input level.
+
10
µ
Figure 2. Test Circuit
Limiter 2
Output
Limiter 1
Output
Video
Output
Vin
330
1.0n
49.9
1.0n
27
1.0k
100n
330
L1 – Coilcraft part number 146–09J08S
L1
260n
20p
499
VEE
VEE
VEE
+
10n
1.0n
1.0n
1.0n
1.0n
100n
1.0n
IN2
DEC2
VEE1
RSSI
Buffer
RSSI
VEE2
LIMO2
QUAD2
QUAD1
LIMO1
VCC2
DETO2
DETO1
VCC1
DEC1
IN1
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
10
µ
EVALUATION PC BOARD
The evaluation PCB shown in Figures 19 and 20 is very ver-
satile and is designed to cascade two ICs. The center section
of the board provides an area for attaching all surface mount
components to the circuit side and radial leaded components
to the component ground side of the PCB (see Figures 17 and
18). Additionally, the peripheral area surrounding the RF
core provides pads to add supporting and interface circuitry
as a particular application dictates. This evaluation board will
be discussed and referenced in this section.
LIMITING AMPLIFIER
Differential input and output ports interfacing the three stage
limiting amplifier provide a differential power gain of typical-
ly 46 dB and useable frequency range of 300 MHz. The IF
gain flatness may be controlled by decoupling of the internal
feedback network at Pins 2 and 15.
Scattering parameter (S–parameter) characterization of the IF
as a two port linear amplifier is useful to implement maxi-
mum stable power gain, input matching, and stability over a
desired bandpass response and to ensure stable operation out-
side the bandpass as well. The ML13155 is unconditionally
stable over most of its useful operating frequency range; how-
ever, it can be made unconditionally stable over its entire
operating range with the proper decoupling of Pins 2 and 15.
Relatively small decoupling capacitors of about 100 pF have a
significant effect on the wideband response and stability.
This is shown in the scattering parameter tables where
S–parameters are shown for various values of C2 and C15
and at VEE of –3.0 and –5.0 V DC.
APPLICATIONS INFORMATION
CIRCUIT DESCRIPTION


Số phần tương tự - ML13155

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
355Kb / 16P
   Wideband FM IF
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
   Wideband FM IF
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
More results

Mô tả tương tự - ML13155

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com