công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML13146-9P bảng dữ liệu(PDF) 6 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML13146-9P
Giải thích chi tiết về linh kiện  Low Power DC - 1.8 GHz Transmitter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13146-9P bảng dữ liệu(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML13146-9P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13146-9P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.lansdale.com
Page 6 of 15
Issue 0
LANSDALE Semiconductor, Inc.
ML13146
General
The ML13146 consists of a low power amplifier, a 50
Ω lin-
ear mixer with linearity control, divide by 64/65 dual modulus
prescaler and LPA. This device is designated for use as the low
power transmitter in analog and digital FM systems such as
UHF and 800 MHz Special Mobile Radio (SMR), UHF Family
Radio Services, PCS and 902 to 928MHz cordless telephones.
It features a mixer linearity control to preset or auto program
the mixer dynamic range, an enable function and a wideband
mixer output so the IC may be used either as an up converter
or for a direct conversion source. Additional details are covered
in the Pin by Pin Description which shows the equivalent inter-
nal circuit and external circuit requirements.
Current Regulation/Enable
The device features temperature compensating, voltage inde-
pendent current regulators which are controlled by the enable
function in which “high” powers up the IC.
Mixer: General
The mixer is a double–balanced four quadrant multiplier
biased class AB allowing for programmable linearity control
via an external current source. An input third order intercept
point of 20 dBm has been achieved. The mixer has a 50
Ω sin-
gle–ended RF input and open collector differential outputs. An
onboard Local Oscillator transistor has the emitter, base and
collector pinned out to implement a low phase noise VCO in
various configurations. Additionally, a buffered prescaler out-
put is provided for operation with a low frequency synthesizer.
For direct conversion applications the input of the mixer may
be terminated to ground through a 120 to 330
Ω resistor.
Local Oscillator/Voltage Control Oscillator
The on–chip transistor operates with coaxial transmission
line or LC resonant elements to over 1.8 GHz. Biasing is done
with a temperature/voltage compensated current source in the
emitter. A RFC from VCC to the base is recommended.The
transistor can be operated in the classic Colpitts, Clapp, or
Hartley configuration. The application circuit (Figure 8)
depicts a parallel resonant VCO which can cover the entire 902
to 928 MHz frequency band with phase noise of approximately
–80 dBc/Hz at a 10 kHz offset (see Figure 2). For this configu-
ration, the LO will be driven with approximately 100 mVrms,
and the frequency of oscillation can be approximated by:
where Cv is the equivalent capacitance of the varactor at the
control voltage.
For higher frequency operation, a series tuned oscillator con-
figuration is recommended. Table 1 contains the S–parameters
for the VCO transistor in a common collector configuration.
This information is useful for designing a VCO at other operat-
ing frequencies or for various other oscillator topologies.
The output power (at Mix/Buf Out) can be varied by adjust-
ing the value of R5 as illustrated in Figures 3 and 4. Figure 5
shows the typical operating window for the prescaler.
CIRCUIT DESCRIPTION


Số phần tương tự - ML13146-9P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13146-9P LANSDALE-ML13146-9P Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
More results

Mô tả tương tự - ML13146-9P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML13146 LANSDALE-ML13146_08 Datasheet
2Mb / 15P
   Low Power DC ??1.8 GHz Transmitter
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
logo
Texas Instruments
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150_17 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
logo
Microchip Technology
MICRF114 MICROCHIP-MICRF114 Datasheet
1Mb / 34P
   Low-Power Integrated Sub-GHz Wireless RF Transmitter
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com