công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC13055P bảng dữ liệu(PDF) 9 Page - LANSDALE Semiconductor Inc. |
|
MC13055P bảng dữ liệu(HTML) 9 Page - LANSDALE Semiconductor Inc. |
9 / 9 page LANSDALE Semiconductor, Inc. ML13055 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. -A- B F C S H G D J L M 16 PL SEATING 18 9 16 K PLANE -T- M A M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.770 18.80 19.55 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.021 0.39 0.53 F 0.040 0.70 1.02 1.77 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.008 0.015 0.21 0.38 K 0.110 0.130 2.80 3.30 L 0.295 0.305 7.50 7.74 M 0° 10° 0 ° 10° S 0.020 0.040 0.51 1.01 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOW ABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 18 16 9 SEATING PLANE F J M R X 45° G 8 PL P -B- -A- M 0.25 (0.010) B S -T- D K C 16 PL S B M 0.25 (0.010) A S T DIM MIN MAX MIN MAX INCHES MILLIMETERS A 9.80 10.00 0.386 0.393 B 3.80 4.00 0.150 0.157 C 1.35 1.75 0.054 0.068 D 0.35 0.49 0.014 0.019 F 0.40 1.25 0.016 0.049 G 1.27 BSC 0.050 BSC J 0.19 0.25 0.008 0.009 K 0.10 0.25 0.004 0.009 M 0° 7° 0° 7° P 5.80 6.20 0.229 0.244 R 0.25 0.50 0.010 0.019 P-DIP 16 OUTLINE DIMENSION PLASTIC PACKAGE (ML13055EP) CASE 648-08 ISSUE R SO 16 PLASTIC PACKAGE (ML13055-5P) CASE 751B-05 (SO-16) ISSUE J Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili- ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc. www.lansdale.com Page 9 of 9 Issue B |
Số phần tương tự - MC13055P |
|
Mô tả tương tự - MC13055P |