công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ML12040 bảng dữ liệu(PDF) 4 Page - LANSDALE Semiconductor Inc. |
|
ML12040 bảng dữ liệu(HTML) 4 Page - LANSDALE Semiconductor Inc. |
4 / 5 page LANSDALE Semiconductor, Inc. ML12040 www.lansdale.com Page 4 of 5 Issue 0 The ML12040 is a logic network designed for use as a phase comparator for MECL–compatible input signals. It determines the “lead” or “lag” phase relationship and the time difference between the leading edges of the waveforms. Since these edges occur only once per cycle, the detector has a range of ±2 π radians. Operation of the device may be illustrated by assuming two waveforms, R and V (Figure 2), of the same frequency but dif- fering in phase. If the logic had established by past history that R was leading V, the U output of the detector (pin 4) would produce a positive pulse width equal to the phase difference and the D output (Pin 11 ) would simply remain low. On the other hand, it is also possible that V was leading R (Figure 2), giving rise to a positive pulse on the D output and a constant low level on the U output pin. Both outputs for the sample condition are valid since the determination of lead or lag is dependent on past edge crossing and initial conditions at start–up. A stable phase–locked loop will result from either condition. Phase error information is contained in the output duty cycle that is, the ratio of the output pulse width to total period. By inte- grating or low–pass filtering the outputs of the detector and shift- ing the level to accommodate ECL swings, usable analog infor- mation for the voltage controlled oscillator can be developed. A circuit useful for this function is shown in Figure 3. Proper level shifting is accomplished by differentially driving the operational amplifier from the normally high outputs of the phase detector (U and D). Using this technique the quiescent differential voltage to the operational amplifier is zero (assum- ing matched “1” levels from the phase detector). The U and D outputs are then used to pass along phase information to the operational amplifier. Phase error summing is accomplished through resistors R1 connected to the inputs of the operational amplifier. Some R–C filtering imbedded within the input net- work (Figure 3) may be very beneficial since the very narrow correctional pulses of the ML12040 would not normally be integrated by the amplifier. Phase detector gain for this config- uration is approximately 0.16 volts/radian. System phase error stems from input offset voltage in the operational amplifier, mismatching of nominally equal resis- tors, and mismatching of phase detector “high” states between the outputs used for threshold setting and phase measuring. All these effects are reflected in the gain constant. For example, a 16 mV offset voltage in the amplifier would cause an error of 0.016/0.16 = 0.1 radian or 5.7 degrees of error. Phase error can be trimmed to zero initially by trimming either input offset or one of the threshold resistors (R1 in Figure 3). Phase error over temperature depends on how much the offending parame- ters drift. Legacy Applications Information Figure 2. Timing Diagram Figure 3. Typical Filter and Summing Network 3 510 12 CC – + MC1741 510 CC R1 2 R1 2 R1 2 R1 2 C R2 ML12040 U D To VCO 10 to 30V R2 C R Leads V (D Output = “0”) V Leads R (D Output = “0”) R V Lead Lag |
Số phần tương tự - ML12040 |
|
Mô tả tương tự - ML12040 |