công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5232 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS5232
Giải thích chi tiết về linh kiện  Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS5232 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADS5232 Datasheet HTML 4Page - Texas Instruments ADS5232 Datasheet HTML 5Page - Texas Instruments ADS5232 Datasheet HTML 6Page - Texas Instruments ADS5232 Datasheet HTML 7Page - Texas Instruments ADS5232 Datasheet HTML 8Page - Texas Instruments ADS5232 Datasheet HTML 9Page - Texas Instruments ADS5232 Datasheet HTML 10Page - Texas Instruments ADS5232 Datasheet HTML 11Page - Texas Instruments ADS5232 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
ADS5232
SBAS294A – JUNE 2004 – REVISED MARCH 2006
TIMING CHARACTERISTICS (continued)
Typical values at T
A = +25°C, AVDD = VDRV = 3.3V, sampling rate and PLL state are as indicated, input clock at 50% duty
cycle, and total capacitive loading = 10pF, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNITS
50MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
3.2
4.5
ns
t2 Data Hold Time
10
11
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3
ns
Data Valid (DV) Duty Cycle
30
40
55
%
tDV Input Clock Rising to DV Fall Edge
11.5
13.5
15.5
ns
40MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
3.7
5.5
ns
t2 Data Hold Time
11.5
13.5
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3
ns
Data Valid (DV) Duty Cycle
30
40
55
%
tDV Input Clock Rising to DV Fall Edge
13.5
16
18.5
ns
30MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
8
10
ns
t2 Data Hold Time
14
19
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
16
19
21
ns
20MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
10
12
ns
t2 Data Hold Time
20
25
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
20
25
30
ns
20MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
10
12
ns
t2 Data Hold Time
20
25
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
20
25
30
ns
2MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
150
200
ns
8
Submit Documentation Feedback


Số phần tương tự - ADS5232

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5232 TI1-ADS5232 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232IPAG TI1-ADS5232IPAG Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232IPAGG4 TI1-ADS5232IPAGG4 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232IPAGT TI1-ADS5232IPAGT Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232IPAGTG4 TI1-ADS5232IPAGTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
More results

Mô tả tương tự - ADS5232

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com