công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPS8H100 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STPS8H100
Giải thích chi tiết về linh kiện  High voltage power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STPS8H100 Datasheet HTML 1Page - STMicroelectronics STPS8H100 Datasheet HTML 2Page - STMicroelectronics STPS8H100 Datasheet HTML 3Page - STMicroelectronics STPS8H100 Datasheet HTML 4Page - STMicroelectronics STPS8H100 Datasheet HTML 5Page - STMicroelectronics STPS8H100 Datasheet HTML 6Page - STMicroelectronics STPS8H100 Datasheet HTML 7Page - STMicroelectronics STPS8H100 Datasheet HTML 8Page - STMicroelectronics STPS8H100 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
June 2006
Rev 10
1/9
9
STPS8H100
High voltage power Schottky rectifier
Main product characteristics
Features and benefits
Negligible switching losses
High junction temperature capability
Low leakage current
Good trade off between leakage current and
forward voltage drop
Insulated package:
– TO-220FPAC
Insulating voltage = 2000 V DC
Typical package capacitance = 12 pF
Avalanche capability specified
Description
Schottky barrier rectifier designed for high
frequency compact Switched Mode Power
Supplies such as adaptators and on board
DC/DC converters.
Order Codes
IF(AV)
8 A
VRRM
100 V
Tj
175° C
VF(max)
0.58 V
Part Number
Marking
STPS8H100D
STPS8H100D
STPS8H100G
STPS8H100G
STPS8H100G-TR
STPS8H100G
STPS8H100FP
STPS8H100FP
K
A
NC
K
A
K
A
D2PAK
STPS8H100G
TO-220FPAC
STPS8H100FP
TO-220AC
STPS8H100D
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward voltage
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC, D2PAK
TC = 165° C
8
A
DO-15
TC = 150° C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
10800
W
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Maximum operating junction temperature
175
° C
www.st.com


Số phần tương tự - STPS8H100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPS8H100 STMICROELECTRONICS-STPS8H100 Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100D STMICROELECTRONICS-STPS8H100D Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100DEE STMICROELECTRONICS-STPS8H100DEE Datasheet
90Kb / 8P
   High voltage power Schottky rectifier
STPS8H100D STMICROELECTRONICS-STPS8H100D_02 Datasheet
139Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Mô tả tương tự - STPS8H100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com