công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML1350-5P bảng dữ liệu(PDF) 3 Page - LANSDALE Semiconductor Inc.

tên linh kiện ML1350-5P
Giải thích chi tiết về linh kiện  Monolithic IF Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LANSDALE [LANSDALE Semiconductor Inc.]
Trang chủ  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1350-5P bảng dữ liệu(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML1350-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1350-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1350-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1350-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1350-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1350-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.lansdale.com
Page 3 of 6
Issue A
LANSDALE Semiconductor, Inc.
ML1350
GENERAL OPERATING INFORMATION
The input amplifiers (Q1 and Q2) operate at constant emitter
currents so that input impedance remains independent of AGC
action. Input signals may be applied single–ended or differen-
tially (for AC) with identical results. Terminals 4 and 6 may be
driven from a transformer, but a DC path from either terminal
to ground is not permitted.
AGC action occurs as a result of an increasing voltage on the
base of Q4 and Q5 causing these transistors to conduct more
heavily thereby shunting signal current from the interstage
amplifiers Q3 and Q6. The output amplifiers are supplied from
an active current source to maintain constant quiescent bias
thereby holding output admittance nearly constant. Collector
voltage for the output amplifier must be supplied through a
center–tapped tuning coil to Pins 1 and 8. The 12 V supply
(V+) at Pin 2 may be used for this purpose, but output admit-
tance remains more nearly constant if a separate 15 V supply
(V+ +) is used, because the base voltage on the output amplifi-
er varies with AGC bias.
AGC Amplifier Section
Input Amplifier Section
Bias Supplies
Output Amplifier Section
AGC
Input 70
2
(+)
V + +
8
1.47k
12.1
k
5.53k
470
Q6
Q5
Q3
Q4
470
5
2.0k
Output
1 ( – )
Q7
Q10
Q8 45 Q9
2.8k
200
200
2.8k
200
1.4k
1.9k
5.6k
8.4k
7
Gnd
1.1k
5.0k
Q1
Q2
66
4 ( – )
Inputs
6 ( + )
5.0k
1.1k
Figure 4. Circuit Schematic
V+
Figure 6. Power Gain, AGC and Noise Figure Test Circuits
(b) Alternate 45 MHz
*Connect to ground for maximum power gain test.
All power supply chokes (Lp), are self–resonant at input frequency. LP ≥ 20 kΩ.
See Figure 5 for Frequency Response Curve.
ML1350
43
2
1
56
7
8
RS = 50Ω
C1
5.1k
VAGC
0.68
µH .001
0.1
0.001
Input
+12V
RL = 50Ω
Output
0.33
µH
L1
C2
C3
5.1k
0.001
(a) 45 MHz and 58 MHz
+12V
0.001
µF
Input
RS = 50Ω
C2
LP
LP
LP
1.5–20pF
43
2
1
T1
Output
RL = 50Ω
56
78
5.1k
VAGC *
ML1350
0.001
µF
0.001
µF
C1
L1
0.001
µF
0.001
µF
0.001
µF
T1 Primary Winding
Secondary Winding
Slug
= 18 Turns on a 1/4" coil form, center–tapped, #25 AWG
= 2 Turns centered over Primary Winding @ 45 MHz
= 1 Turn @ 58 MHz
= Carbonyl E or J
L1 @ 45 MHz = 7 1/4 Turns on a 1/4" coil form
L1 @ 58 MHz = 6 Turns on a 1/4" coil form
L1
Ferrite Core
14 Turns 28 S.W.G.
C1
C2
C3
5–25 pF
5–25 pF
5–25 pF
45 MHz
58 MHz
L1
0.4
µH
Q
≥ 100
0.3
µH
Q
≥ 100
T1
1.3
µH to 3.4 µH
Q
≥ 100 @ 2.0 µH
1.2
µH to 3.8 µH
Q
≥ 100 @ 2.0 µH
C1
50 pF to 160 pF
8.0 pF to 60 pF
C2
8.0 pF to 60 pF
3.0 pF to 35 pF
Figure 5. Frequency Response Curve
(45 MHz and 58 MHz)
Scale: 1.0 MHz/cm


Số phần tương tự - ML1350-5P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML1350-5P LANSDALE-ML1350-5P Datasheet
189Kb / 6P
   Monolithic IF Amplifier
More results

Mô tả tương tự - ML1350-5P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
LANSDALE Semiconductor ...
ML1350 LANSDALE-ML1350_08 Datasheet
189Kb / 6P
   Monolithic IF Amplifier
logo
National Semiconductor ...
TBA440C NSC-TBA440C Datasheet
106Kb / 2P
   Monolithic Video IF Amplifier
logo
Mini-Circuits
PSA-0012 MINI-PSA-0012 Datasheet
145Kb / 1P
   High Dynamic Range Monolithic IF Amplifier
logo
General Electric Compan...
6HR6 GEC-6HR6 Datasheet
67Kb / 1P
   IF AMPLIFIER
logo
Motorola, Inc
MC1350 MOTOROLA-MC1350 Datasheet
165Kb / 6P
   IF AMPLIFIER
logo
Zarlink Semiconductor I...
SL610 ZARLINK-SL610 Datasheet
344Kb / 7P
   RF/IF AMPLIFIER
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
   RF-IF AMPLIFIER
logo
STMicroelectronics
TDA4445A STMICROELECTRONICS-TDA4445A Datasheet
72Kb / 6P
   SOUND IF AMPLIFIER
logo
List of Unclassifed Man...
ECG1082 ETC1-ECG1082 Datasheet
90Kb / 2P
   FM IF AMPLIFIER
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com