công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74VHCT74AM bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor |
|
74VHCT74AM bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor |
3 / 9 page ©1997 Fairchild Semiconductor Corporation www.fairchildsemi.com 74VHCT74A Rev. 1.3 3 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Recommended Operating Conditions(5) The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Notes: 2. HIGH or LOW state. IOUT absolute maximum rating must be observed. 3. VCC = 0V. 4. VOUT < GND, VOUT > VCC (Outputs Active). 5. Unused inputs must be held HIGH or LOW. They may not float. Symbol Parameter Rating VCC Supply Voltage –0.5V to +7.0V VIN DC Input Voltage –0.5V to +7.0V VOUT DC Output Voltage Note 2 Note 3 –0.5V to VCC + 0.5V –0.5V to 7.0V IIK Input Diode Current –20mA IOK Output Diode Current(4) ±20mA IOUT DC Output Current ±25mA ICC DC VCC / GND Current ±50mA TSTG Storage Temperature –65°C to +150°C TL Lead Temperature (Soldering, 10 seconds) 260°C Symbol Parameter Rating VCC Supply Voltage 4.5V to +5.5V VIN Input Voltage 0V to +5.5V VOUT Output Voltage Note 2 Note 3 0V to VCC 0V to 5.5V TOPR Operating Temperature –40°C to +85°C tr, tf Input Rise and Fall Time VCC = 5.0V ±0.5V 0ns/V ∼ 20ns/V |
Số phần tương tự - 74VHCT74AM |
|
Mô tả tương tự - 74VHCT74AM |