công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHC1GU04 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
SN74AHC1GU04 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 12 page SN74AHC1GU04 SINGLE INVERTER GATE SCLS343Q− APRIL 1996 − REVISED JUNE 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT 2 V 1.8 2 1.8 IOH = −50 mA 3 V 2.7 3 2.7 VOH IOH = −50 mA 4.5 V 4 4.5 4 V VOH IOH = −4 mA 3 V 2.58 2.48 V IOH = −8 mA 4.5 V 3.94 3.8 2 V 0.2 0.2 IOL = 50 mA 3 V 0.3 0.3 VOL IOL = 50 mA 4.5 V 0.5 0.5 V VOL IOL = 4 mA 3 V 0.36 0.44 V IOL = 8 mA 4.5 V 0.36 0.44 II VI = 5.5 V or GND 0 V to 5.5 V ±0.1 ±1 mA ICC VI = VCC or GND, IO = 0 5.5 V 1 10 mA Ci VI = VCC or GND 5 V 2 10 10 pF switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO OUTPUT TA = 25°C MIN MAX UNIT PARAMETER FROM (INPUT) TO (OUTPUT) OUTPUT CAPACITANCE MIN TYP MAX MIN MAX UNIT tPLH A Y CL 15 pF 5 7.1 1 8.5 ns tPHL A Y CL = 15 pF 5 7.1 1 8.5 ns tPLH A Y CL 50 pF 7.5 10.6 1 12 ns tPHL A Y CL = 50 pF 7.5 10.6 1 12 ns switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO OUTPUT TA = 25°C MIN MAX UNIT PARAMETER FROM (INPUT) TO (OUTPUT) OUTPUT CAPACITANCE MIN TYP MAX MIN MAX UNIT tPLH A Y CL 15 pF 3.5 5.5 1 6 ns tPHL A Y CL = 15 pF 3.5 5.5 1 6 ns tPLH A Y CL 50 pF 5 7 1 8 ns tPHL A Y CL = 50 pF 5 7 1 8 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 7.3 pF |
Số phần tương tự - SN74AHC1GU04 |
|
Mô tả tương tự - SN74AHC1GU04 |